Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 24Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 25Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 26Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
2003 Oct 02
23
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
12 CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 20 for input frequencies; B/G standard is used for the specification (fPC = 38.9 MHz;
fSC = 33.4 MHz; PC/SC = 13 dB; fmod = 400 Hz); input level Vi(VIF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation DSB; residual carrier for B/G is 10 % and
for L is 3 %; video signal in accordance with
“CCIR line 17 and line 330” or “NTC-7 Composite”; measurements taken in
test circuit of Fig.23; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin VP)
VP
supply voltage
note 1
4.5
5.0
5.5
V
IP
supply current
52
63
70
mA
Ptot
total power dissipation
−
305
385
mW
POWER-ON RESET
VP(start)
supply voltage for start of reset
decreasing supply
voltage
2.5
3.0
3.5
V
VP(stop)
supply voltage for end of reset
increasing supply
voltage; I2C-bus
transmission enable
−−
4.4
V
τ
P
time constant (R
× C) for
network at pin VP
for applications without
I2C-bus
1.2
−−µs
VIF amplifier (pins VIF1 and VIF2)
Vi(VIF)(rms)
VIF input voltage sensitivity
(RMS value)
−1 dB video at output
−
60
100
µV
Vi(max)(rms)
maximum input voltage
(RMS value)
+1 dB video at output
150
190
−
mV
Vi(ovl)(rms)
overload input voltage
(RMS value)
note 2
−−
440
mV
∆V
IF(int)
internal IF amplitude difference
between picture and sound
carrier
within AGC range;
∆f = 5.5 MHz
−
0.7
−
dB
GVIF(cr)
VIF gain control range
see Fig.7
60
66
−
dB
BVIF(−3dB)(ll)
lower limit
−3 dB VIF bandwidth
−
15
−
MHz
BVIF(−3dB)(ul)
upper limit
−3 dB VIF bandwidth
−
80
−
MHz
Ri(dif)
differential input resistance
note 3
−
2
−
k
Ω
Ci(dif)
differential input capacitance
note 3
−
3
−
pF
VI
DC input voltage
−
1.93
−
V
FPLL and true synchronous video demodulator; note 4
fVCO(max)
maximum oscillator frequency
for carrier regeneration
f=2fPC
120
140
−
MHz
fVIF
vision carrier operating
frequencies
see Table 14
−
33.4
−
MHz
−
33.9
−
MHz
−
38.0
−
MHz
−
38.9
−
MHz
−
45.75
−
MHz
−
58.75
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com