Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 6Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 7Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 8Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 9Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 10Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 11Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 12Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 13Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
2003 Oct 02
10
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
8
FUNCTIONAL DESCRIPTION
Figure 1 shows the simplified block diagram of the device
which comprises the following functional blocks:
• VIF amplifier
• Tuner AGC and VIF-AGC
• VIF-AGC detector
• Frequency Phase-Locked Loop (FPLL) detector
• VCO and divider
• AFC and digital acquisition help
• Video demodulator and amplifier
• Sound carrier trap
• SIF amplifier
• SIF-AGC detector
• Single reference QSS mixer
• AM demodulator
• FM demodulator and acquisition help
• Audio amplifier and mute time constant
• Internal voltage stabilizer
• I2C-bus transceiver and MAD (module address).
8.1
VIF amplifier
The VIF amplifier consists of three AC-coupled differential
stages. Gain control is performed by emitter degeneration.
The total gain control range is typically 66 dB. The
differential input impedance is typically 2 k
Ω in parallel with
3 pF.
8.2
Tuner AGC and VIF-AGC
This block adapts the voltages, generated at the VIF-AGC
and SIF-AGC detectors, to the internal signal processing
at the VIF and SIF amplifiers and performs the tuner AGC
control current generation. The onset of the tuner AGC
control current generation can be set either via the I2C-bus
(see Table 13) or optionally by a potentiometer at pin TOP
(in case that the I2C-bus information cannot be stored,
related to the device). The presence of a potentiometer is
automatically detected and the I2C-bus setting is disabled.
Furthermore, derived from the AGC detector voltage, a
comparator is used to test if the corresponding VIF input
voltage is higher than 200
µV. This information can be
read out via the I2C-bus (bit VIFLEV = 1).
8.3
VIF-AGC detector
Gain control is performed by sync level detection (negative
modulation) or peak white detection (positive modulation).
For negative modulation, the sync level voltage is stored at
an integrated capacitor by means of a fast peak detector.
This voltage is compared with a reference voltage
(nominal sync level) by a comparator which charges or
discharges the integrated AGC capacitor for the
generation of the required VIF gain. The time constants for
decreasing or increasing the gain are nearly equal and the
total AGC reaction time is fast to cope with ‘aeroplane
fluttering’.
For positive modulation, the white peak level voltage is
compared with a reference voltage (nominal white level)
by a comparator which charges (fast) or discharges (slow)
the external AGC capacitor directly for the generation of
the required VIF gain. The need of a very long time
constant for VIF gain increase is because the peak white
level may appear only once in a field. In order to reduce
this time constant, an additional level detector increases
the discharging current of the AGC capacitor (fast mode)
in the event of a decreasing VIF amplitude step controlled
by the detected actual black level voltage. The threshold
level for fast mode AGC is typically
−6 dB video amplitude.
The fast mode state is also transferred to the SIF-AGC
detector for speed-up. In case of missing peak white
pulses, the VIF gain increase is limited to typically +3 dB
by comparing the detected actual black level voltage with
a corresponding reference voltage.
8.4
FPLL detector
The VIF amplifier output signal is fed into a frequency
detector and into a phase detector via a limiting amplifier
for removing the video AM.
During acquisition the frequency detector produces a
current proportional to the frequency difference between
the VIF and the VCO signals. After frequency lock-in the
phase detector produces a current proportional to the
phase difference between the VIF and the VCO signals.
The currents from the frequency and phase detectors are
charged into the loop filter which controls the VIF VCO and
locks it to the frequency and phase of the VIF carrier.
For a positive modulated VIF signal, the charging currents
are gated by the composite sync in order to avoid signal
distortion in case of overmodulation. The gating depth is
switchable via the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com