Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 14Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 15Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 16Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 17Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 18Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 19Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 20Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
2003 Oct 02
18
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
Note
1. For positive AM TV choose 6.5 MHz for the second SIF.
9.2.3
DATA BYTE FOR ADJUST MODE
Table 12 Bit description of SAD register for adjust mode (SAD = 01)
B0
Video mode (sound trap)
1
sound trap bypass
0
sound trap active
BIT
VALUE
DESCRIPTION
C7
Audio gain
1
−6dB
00 dB
C6
De-emphasis time constant
150
µs
075
µs
C5
De-emphasis
1on
0
off
C4 to C0
Tuner takeover point adjustment
see Table 13
BIT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com