Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 26Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 27Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 28Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 29Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 30Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 31Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 32Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 33Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
2003 Oct 02
30
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
FM-PLL demodulator; notes 15 and 18 to 22
SOUND INTERCARRIER OUTPUT (PIN SIOMAD)
VFM(rms)
IF intercarrier level for gain
controlled operation of FM-PLL
(RMS value)
corresponding PC/SC
ratio at input pins VIF1
and VIF2 is 7 to 47 dB
3.2
−
320
mV
VFM(lock)(rms)
IF intercarrier level for lock-in of
PLL (RMS value)
−−
2mV
VFM(det)(rms)
IF intercarrier level for
FM carrier detect (RMS value)
see Table 6
−−
2.3
mV
fFM
sound intercarrier operating
FM frequencies
see Table 14
−
4.5
−
MHz
−
5.5
−
MHz
−
6.0
−
MHz
−
6.5
−
MHz
AUDIO OUTPUT (PIN AUD)
Vo(AF)(rms)
AF output voltage (RMS value)
25 kHz FM deviation;
75
µs de-emphasis
400
500
600
mV
27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
Vo(AF)(cl)(rms)
AF output clipping level
(RMS value)
THD < 1.5 %
1.3
1.4
−
V
∆V
o(AF)/∆T
AF output voltage variation with
temperature
−
3
× 10−3 7 × 10−3 dB/K
THD
total harmonic distortion
−
0.15
0.50
%
∆f
AF
frequency deviation
THD < 1.5 %; note 19
−−±55
kHz
−6 dB AF output via
I2C-bus; note 19
−−±110
kHz
BAF(−3dB)
−3 dB AF bandwidth
without de-emphasis;
measured with FM-PLL
filter of Fig.23
80
100
−
kHz
S/NW(AF)
weighted signal-to-noise ratio of
audio signal
FM-PLL only;
27 kHz FM deviation;
50
µs de-emphasis
52
56
−
dB
black picture;
see Fig.19
50
56
−
dB
∆V
r(SC)(rms)
residual sound carrier
(RMS value)
fundamental wave and
harmonics; without
de-emphasis
−−
2mV
αAM(sup)
AM suppression of
FM demodulator
referenced to 27 kHz
FM deviation;
50
µs de-emphasis;
AM: f = 1 kHz;
m = 54 %
40
46
−
dB
PSRRFM
power supply ripple rejection
fripple = 70 Hz;
see Fig.6
14
20
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com