Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 29Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 30Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 31Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 32Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 33Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 34Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 35Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 36Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
2003 Oct 02
33
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
S/NW(SC2)
weighted signal-to-noise ratio
for SC2
PC/SC2 ratio at
pins VIF1 and VIF2;
27 kHz (54 % FM
deviation);
“CCIR 468”
40
−−
dB
black picture
48
55
−
dB
white picture
46
51
−
dB
6 kHz sine wave
(black-to-white
modulation)
42
46
−
dB
250 kHz square wave
(black-to-white
modulation)
29
34
−
dB
sound carrier
subharmonics;
f = 2.75 MHz
±3 kHz
44
50
−
dB
sound carrier
subharmonics;
f = 2.87 MHz
±3 kHz
45
51
−
dB
AM operation
L STANDARD (PIN AUD); see Figs 20 and 21; note 27
Vo(AF)(rms)
AF output voltage (RMS value)
54 % modulation
400
500
600
mV
THD
total harmonic distortion
54 % modulation
−
0.5
1.0
%
BAF(−3dB)
−3 dB AF bandwidth
100
125
−
kHz
S/NW(AF)
weighted signal-to-noise ratio of
audio signal
in accordance with
“CCIR 468”
45
50
−
dB
VO(AUD)
DC potential voltage
−
2.37
−
V
PSRRAM
power supply ripple rejection
see Fig.6
20
26
−
dB
Reference frequency input (pin REF)
VI
DC input voltage
2.3
2.6
2.9
V
Ri
input resistance
note 3
−
5
−
k
Ω
Rxtal
resonance resistance of crystal
operation as crystal
oscillator
−−
200
Ω
Cx
pull-up/down capacitance
note 28
−−−
pF
fref
reference signal frequency
note 29
−
4
−
MHz
∆f
ref
tolerance of reference signal
frequency
note 15
−−±0.1
%
Vref(rms)
reference signal voltage
(RMS value)
operation as input
terminal
80
−
400
mV
Ro(ref)
output resistance of reference
signal source
−−
4.7
k
Ω
CK
decoupling capacitance to
external reference signal source
operation as input
terminal
22
100
−
pF
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com