Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 21Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 22Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 23Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 24Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 25Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 26Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 27Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 28Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
2003 Oct 02
25
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
S/NUW
unweighted signal-to-noise ratio note 7
47
51
−
dB
α
IM(blue)
intermodulation attenuation at
‘blue’
see Fig.12; note 8
f = 1.1 MHz
58
64
−
dB
f = 3.3 MHz
58
64
−
dB
α
IM(yellow)
intermodulation attenuation at
‘yellow’
see Fig.12; note 8
f = 1.1 MHz
60
66
−
dB
f = 3.3 MHz
59
65
−
dB
∆V
r(PC)(rms)
residual picture carrier
(RMS value)
fundamental wave and
harmonics
−
25mV
∆f
unw(p-p)
robustness for unwanted
frequency deviation of picture
carrier (peak-to-peak value)
3 % residual carrier;
50 % serration pulses;
L standard; note 3
−−
12
kHz
∆ϕ
robustness for modulator
imbalance
0 % residual carrier;
50 % serration pulses;
L standard;
L-gating = 0 %; note 3
−−
3%
αH
suppression of video signal
harmonics
CL < 20 pF; RL >1kΩ;
AC load; note 9a
35
40
−
dB
α
spur
suppression of spurious
elements
note 9b
40
−−
dB
PSRRCVBS
power supply ripple rejection at
pin CVBS
fripple = 70 Hz;
video signal; grey level;
positive and negative
modulation; see Fig.6
20
25
−
dB
M/N STANDARD INCLUDING KOREA; see Fig 13
Bv(−3dB)(trap)
−3 dB video bandwidth
including sound carrier trap
ftrap = 4.5 MHz; note 10 3.95
4.05
−
MHz
α
SC1
attenuation at first sound carrier
f = 4.5 MHz
30
36
−
dB
αSC1(60kHz)
attenuation at first sound carrier
fSC1 ± 60 kHz
f = 4.5 MHz
21
27
−
dB
α
SC2
attenuation at second sound
carrier
f = 4.724 MHz
21
27
−
dB
α
SC2(60kHz)
attenuation at second sound
carrier fSC2 ± 60 kHz
f = 4.724 MHz
15
21
−
dB
td(g)(cc)
group delay at colour carrier
frequency
f = 3.58 MHz;
see Fig.14
110
180
250
ns
B/G STANDARD; see Fig.15
Bv(−3dB)(trap)
−3 dB video bandwidth
including sound carrier trap
ftrap = 5.5 MHz; note 10 4.90
5.00
−
MHz
α
SC1
attenuation at first sound carrier
f = 5.5 MHz
30
36
−
dB
αSC1(60kHz)
attenuation at first sound carrier
fSC1 ± 60 kHz
f = 5.5 MHz
24
30
−
dB
α
SC2
attenuation at second sound
carrier
f = 5.742 MHz
21
27
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com