Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9885TS/V3 Datasheet HTML 1Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 2Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 3Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 4Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 5Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 6Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 7Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 8Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
2003 Oct 02
5
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
Notes
1. Values of video and sound parameters can be decreased at VP = 4.5 V.
2. For applications without I2C-bus, the time constant (R
× C) at the supply must be >1.2 µs (e.g. 1 Ω and 2.2 µF).
3. Condition: luminance range (5 steps) from 0 % to 100 %.
4. AC load: CL < 20 pF and RL >1kΩ. The sound carrier frequencies (depending on the TV standard) are attenuated
by the integrated sound carrier traps (see Figs 13 to 18;
H (s) is the absolute value of transfer function).
5. S/NW is the ratio of the black-to-white amplitude to the black level noise voltage (RMS value measured on pin CVBS).
B = 5 MHz weighted in accordance with
“CCIR 567”.
Audio part
Vo(AF)(rms)
AF output voltage (RMS value)
27 kHz FM deviation;
50
µs de-emphasis
430
540
650
mV
THD
total harmonic distortion of audio
signal
FM: 27 kHz FM deviation;
50
µs de-emphasis
−
0.15
0.50
%
AM: m = 54 %
−
0.5
1.0
%
BAF(−3dB)
−3 dB AF bandwidth
without de-emphasis;
dependent on FM-PLL filter
80
100
−
kHz
S/NW(AF)
weighted signal-to-noise ratio of
audio signal
FM: 27 kHz FM deviation;
50
µs de-emphasis;
vision carrier unmodulated
52
56
−
dB
AM: m = 54 %
45
50
−
dB
αAM(sup)
AM suppression of
FM demodulator
50
µs de-emphasis;
AM: f = 1 kHz and
m = 54 %; referenced to
27 kHz FM deviation
40
46
−
dB
PSRRAUD
power supply ripple rejection on
pin AUD
fripple = 70 Hz; see Fig.6
for AM
20
26
−
dB
for FM
14
20
−
dB
Vo(intc)(rms)
IF intercarrier output level
(RMS value)
QSS mode; SC1; SC2 off
90
140
180
mV
L standard;
without modulation
90
140
180
mV
intercarrier mode;
PC/SC1 = 20 dB; SC2 off;
note 6
−
75
−
mV
Reference frequency
fref
reference signal frequency
note 7
−
4
−
MHz
Vref(rms)
reference signal voltage
(RMS value)
operation as input terminal
80
−
400
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com