Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9885TS/V3 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA9885TS/V3
Description  I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9885TS/V3 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA9885TS/V3 Datasheet HTML 25Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 26Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 27Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 28Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 29Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 30Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 31Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 32Page - NXP Semiconductors TDA9885TS/V3 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
2003 Oct 02
29
Philips Semiconductors
Product specification
I2C-bus controlled single and multistandard
alignment-free IF-PLL demodulators
TDA9885; TDA9886
SIF-AGC detector
tresp
AGC response time to an
increasing or decreasing SIF
step of 20 dB
FM or AM fast step
increasing
−
8
−
ms
decreasing
−
25
−
ms
AM slow step
increasing
−
80
−
ms
decreasing
−
250
−
ms
Single reference QSS intercarrier mixer (pin SIOMAD)
Vo(intc)(rms)
IF intercarrier output level
(RMS value)
QSS mode;
SC1;SC2 off
90
140
180
mV
L standard;
without modulation
90
140
180
mV
intercarrier mode;
PC/SC1 = 20 dB;
SC2 off; note 16
−
75
−
mV
Bintc(−3dB)(ul)
upper limit
−3 dB intercarrier
bandwidth
12
15
−
MHz
∆V
r(SC)(rms)
residual sound carrier
(RMS value)
fundamental wave and
harmonics
QSS mode
−
25mV
intercarrier mode
−
25mV
∆V
r(PC)(rms)
residual picture carrier
(RMS value)
fundamental wave and
harmonics
QSS mode
−
25mV
intercarrier mode
−
520
mV
α
H
suppression of video signal
harmonics
intercarrier mode;
fvideo = 5 MHz
35
40
−
dB
Ro
output resistance
note 3
−−
30
Ω
VO
DC output voltage
−
2
−
V
Ibias(int)
internal DC bias current for
emitter follower
0.90
1.15
−
mA
Io(sink)(max)
maximum AC output sink
current
0.6
0.8
−
mA
Io(source)(max)
maximum AC output source
current
0.6
0.8
−
mA
Io(source)
DC output source current
MAD2 activated;
note 17
0.75
0.93
1.20
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com