Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 22Page - National Semiconductor (TI) COP888EB Datasheet HTML 23Page - National Semiconductor (TI) COP888EB Datasheet HTML 24Page - National Semiconductor (TI) COP888EB Datasheet HTML 25Page - National Semiconductor (TI) COP888EB Datasheet HTML 26Page - National Semiconductor (TI) COP888EB Datasheet HTML 27Page - National Semiconductor (TI) COP888EB Datasheet HTML 28Page - National Semiconductor (TI) COP888EB Datasheet HTML 29Page - National Semiconductor (TI) COP888EB Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
Functional Block Description of
the CAN Interface (Continued)
HALT mode (the CAN receive wakeup will still work) in order
to reduce current consumption and to assure a proper resy-
chronization to the bus after exiting the HALT mode.
Note: A “bus off” condition will also cause Tx0 and Tx1 to be at TRI-STATE
(independent of the values of the TxEN1 and TxEN0 bits).
RXREF1 Reference voltage applied to Rx1 if bit is set
RXREF0 Reference voltage applied to Rx0 if bit is set
FMOD
Fault Confinement Mode select
Setting the FMOD bit to “0” (default after power on reset) will
select the Standard Fault Confinement mode. In this mode
the device goes from “bus off” to “error active” after monitor-
ing 128*11 recessive bits (including bus idle) on the bus. This
mode has been implemented for compatibility with existing
solutions. Setting the FMOD bit to “1” will select the En-
hanced Fault Confinement mode. In this mode the device
goes from “bus off” to “error active” after monitoring 128
“good” messages, as indicated by the reception of 11 con-
secutive “recessive” bits including the End of Frame,
whereas the standard mode may time out after 128 x 11 re-
cessive bits (e.g., bus idle).
TRANSMIT CONTROL/STATUS (TCNTL) (00AB)
NS1
NS0
TERR
RERR
CEIE
TIE
RIE
TXSS
Bit 7
Bit 0
NS1..NS0
Node Status, i.e., Error Status.
TABLE 7. Node Status
NS1
NS0
Output
0
0
Error active
0
1
Error passive
1
0
Bus off
1
1
Bus off
The Node Status bits are read only.
TERR
Transmit Error
This bit is automatically set when an error occurs during the
transmission of a frame. TERR can be programmed to gen-
erate an interrupt by setting the Can Error Interrupt Enable
bit (CEIE). This bit must be cleared by the user’s software.
Note: This is used for messages for more than two bytes. If an error occurs
during the transmission of a frame with more than 2 data bytes, the us-
er’s software has to handle the correct reloading of the data bytes to
the TxD registers for retransmission of the frame. For frames with 2 or
fewer data bytes the interface logic of this chip does an automatic re-
transmission. Regardless of the number of data bytes, the user’s soft-
ware must reset this bit if CEIE is enabled. Otherwise a new interrupt
will be generated immediately after return from the interrupt service
routine.
RERR
Receiver Error
This bit is automatically set when an error occurred during
the reception of a frame. RERR can be programmed to gen-
erate an interrupt by setting the Can Error Interrupt Enable
bit (CEIE). This bit has to be cleared by the user’s software.
CEIE
CAN Error Interrupt Enable
If set by the user’s software, this bit enables the transmit and
receive error interrupts. The interrupt pending flags are
TERR and RERR. Resetting this bit with a pending error in-
terrupt will inhibit the interrupt, but will not clear the cause of
the interrupt (RERR or TERR). If the bit is then set without
clearing the cause of the interrupt, the interrupt will reoccur.
TIE
Transmit Interrupt Enable
If set by the user’s software, this bit enables the transmit in-
terrupt. (See TBE and TXPND.) Resetting this bit with a
pending transmit interrupt will inhibit the interrupt, but will not
clear the cause of the interrupt. If the bit is then set without
clearing the cause of the interrupt, the interrupt will reoccur.
RIE
Receive Interrupt Enable
If set by the user’s software, this bit enables the receive in-
terrupt or a remote transmission request interrupt (see RBF,
RFV and RRTR). Resetting this bit with a pending receive in-
terrupt will inhibit the interrupt, but will not clear the cause of
the interrupt. If the bit is then set without clearing the cause
of the interrupt, the interrupt will reoccur.
TXSS
Transmission Start/Stop
This bit is set by the user’s software to initiate the transmis-
sion of a frame. Once this bit is set, a transmission is pend-
ing, as indicated by the TXPND flag being set. It can be reset
by software to cancel a pending transmission. Resetting the
TXSS bit will only cancel a transmission, if the transmission
of a frame hasn’t been started yet (bus idle), if arbitration has
been lost (receiving) or if an error occurs during transmis-
sion. If the device has already started transmission (won ar-
bitration) the TXPND and TXSS flags will stay set until the
transmission is completed, even if the user’s software has
written zero to the TXSS bit. If one or more data bytes are to
be transmitted, care must be taken by the user, that the
Transmit Data Register(s) have been loaded before the
TXSS bit is set. TXSS will be cleared on three conditions
only: Successful completion of a transmitted message; suc-
cessful cancellation of a pending transmision; Transition of
the CAN interface to the bus-off state.
Writing a zero to the TXSS bit will request cancellation of a
pending transmission but TXSS will not be cleared until
completion of the operation. If an error occurs during trans-
mission of a frame, the logic will check for cancellation re-
quests prior to restarting transmission. If zero has been writ-
ten to TXSS, retransmission will be canceled.
RECEIVE/TRANSMIT STATUS (RTSTAT) (Address
X’00AC)
TBE
TXPND
RRTR
ROLD
RORN
RFV
RCV
RBF
10
0
0
0
0
0
0
Bit 7
Bit 0
This register is read only.
TBE
Transmit Buffer Empty
This bit is set as soon as the TxD2 register is copied into the
Rx/Tx shift register, i.e., the 1st data byte of each pair has
been transmitted. The TBE bit is automatically reset if the
TxD2 register is written (the user should write a dummy byte
to the TxD2 register when transmitting an odd number of
bytes of zero bytes). TBE can be programmed to generate
DS012837-52
FIGURE 17. Acceptance Filter Block-Diagram
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com