Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 45Page - National Semiconductor (TI) COP888EB Datasheet HTML 46Page - National Semiconductor (TI) COP888EB Datasheet HTML 47Page - National Semiconductor (TI) COP888EB Datasheet HTML 48Page - National Semiconductor (TI) COP888EB Datasheet HTML 49Page - National Semiconductor (TI) COP888EB Datasheet HTML 50Page - National Semiconductor (TI) COP888EB Datasheet HTML 51Page - National Semiconductor (TI) COP888EB Datasheet HTML 52Page - National Semiconductor (TI) COP888EB Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
Serial Peripheral Interface (Continued)
B[4:3]
SPIMOD[1:0]
SPI operation mode select
SPIMOD[1:0]
0 0: Slave mode,
— SCK is SPI clock input
— MISO is SPI data output
— MOSI is SPI data input
— SS is slave select input
1 0: Standard Master mode,
— SCK is SPI clock output (CKI/40)
— MISO is SPI data input
— MOSI is SPI data output
— SS is slave select output
In the Master mode, 3 different SPI clock frequencies are available:
01:f
SCK = 1/(tc) = CKI/10
10:f
SCK = 1/(4 tc) = CKI/40
11:f
SCK = 1/(16 tc) = CKI/160
B2
SCE
SPI active clock edge select
0: data are shifted out on the falling edge of SCK and are shifted in on the rising edge of SCK
1: data are shifted out on the rising edge of SCK and are shifted in on the falling edge of SCK
B1
SPIEN
SPI enable
Enables the SPI interface and the alternate functions of the MISO, MOSI, SCK and SS pins.
0: disable SPI
1: enable SPI, all Port M ESS signals are set to 1
B0
SLOOP
SPI loop back mode
0: disable loop back mode
1: enable loop back mode, MISO and MOSI are internally connected (see
Figure 39)
PROGRAMMING THE SPI EXPANDER
If the SS Expander is enabled by setting SESSEN=1inthe
SPI Control Register (SPICNTL), the N-port will be pro-
grammed with the content of the first MOSI-byte (i.e., the
content of the 1st byte [7:0] appears at N-port[7:0] after com-
plete reception of the first byte), if the ESS programming
mode is detected. If any bytes follow after the 1st MOSI byte,
all data will be ignored by the SPI.
The ESS programming mode is detected by the ESS control
logic, which decodes the condition “MOSI = L at the falling
edge of SS. For further details, see
Figure 39.
The selected N-port bits will be set to 1 after the positive
edge of SS.
Single N-port bits may be enabled for use as SS expansion,
or disabled to allow for general purpose I/O, by the respec-
tive bits in the PORTNX register.
www.national.com
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com