Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 56Page - National Semiconductor (TI) COP888EB Datasheet HTML 57Page - National Semiconductor (TI) COP888EB Datasheet HTML 58Page - National Semiconductor (TI) COP888EB Datasheet HTML 59Page - National Semiconductor (TI) COP888EB Datasheet HTML 60Page - National Semiconductor (TI) COP888EB Datasheet HTML 61Page - National Semiconductor (TI) COP888EB Datasheet HTML 62Page - National Semiconductor (TI) COP888EB Datasheet HTML 63Page - National Semiconductor (TI) COP888EB Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
Baud Clock Generation (Continued)
write registers shown in
Figure 47. Note that the 11-bit Baud
Rate Divisor spills over into the Prescaler Select Register
(PSR). PSR is cleared upon reset.
As shown in
Table 15, a Prescaler Factor of 0 corresponds to
NO CLOCK. NO CLOCK condition is the USART power
down mode where the USART clock is turned off for power
saving purpose. The user must also turn the USART clock
off when a different baud rate is chosen.
The correspondences between the 5-bit Prescaler Select
and Prescaler factors are shown in
Table 15. There are
many ways to calculate the two divisor factors, but one par-
ticularly effective method would be to achieve a 1.8432 MHz
frequency coming out of the first stage. The 1.8432 MHz
prescaler output is then used to drive the software program-
mable baud rate counter to create a x16 clock for the follow-
ing baud rates: 110, 134.5, 150, 300, 600, 1200, 1800, 2400,
3600, 4800, 7200, 9600, 19200 and 38400 (
Table 16). Other
baud rates may be created by using appropriate divisors.
The x16 clock is then divided by 16 to provide the rate for the
serial shift registers of the transmitter and receiver.
TABLE 15. Prescaler Factors
Prescaler
Prescaler
Select
Factor
00000
NO CLOCK
00001
1
00010
1.5
00011
2
00100
2.5
00101
3
00110
3.5
Prescaler
Prescaler
Select
Factor
00111
4
01000
4.5
01001
5
01010
5.5
01011
6
01100
6.5
01101
7
01110
7.5
01111
8
10000
8.5
10001
9
10010
9.5
10011
10
10100
10.5
10101
11
10110
11.5
10111
12
11000
12.5
11001
13
11010
13.5
11011
14
11100
14.5
11101
15
11110
15.5
11111
16
DS012837-50
FIGURE 46. USART BAUD Clock Generation
DS012837-51
FIGURE 47. USART BAUD Clock Divisor Registers
www.national.com
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com