Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 61Page - National Semiconductor (TI) COP888EB Datasheet HTML 62Page - National Semiconductor (TI) COP888EB Datasheet HTML 63Page - National Semiconductor (TI) COP888EB Datasheet HTML 64Page - National Semiconductor (TI) COP888EB Datasheet HTML 65Page - National Semiconductor (TI) COP888EB Datasheet HTML 66Page - National Semiconductor (TI) COP888EB Datasheet HTML 67Page - National Semiconductor (TI) COP888EB Datasheet HTML 68Page - National Semiconductor (TI) COP888EB Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
Memory Map (Continued)
Address
Contents
00CB
A/D Converter Control
Register (Reg:ENAD)
00CC
A/D Converter Result Register
(Reg:ADRSLT)
00CD to
00CE
Reserved
00CF
IDLE Timer Control Register
(Reg:ITMR)
00D0
PORTLD, Port L Data
Register
00D1
PORTLC, Port L
Configuration Register
00D2
PORTLP, Port L Input Pins
(Read Only)
00D3
Reserved for Port L
00D4
PORTGD, Port G Data
Register
00D5
PORTGC, Port G
Configuration Register
00D6
PORTGP, Port G Input Pins
(Read Only)
00D7
Port I Input Pins (Read Only)
00D8
Port CD, Port C Data Register
00D9
Port CC, Port C Configuration
Register
00DA
Port CP, Port C Input Pins
(Read Only)
00DB
Reserved for Port C
00DC
Port D
00DD to
00DF
Reserved for Port D
00E0 to
00E5
Reserved for EE Control
Registers
00E6
Timer T1 Autoload Register
T1RB Lower Byte (T1BRLO)
00E7
Timer T1 Autoload Register
T1RB Upper Byte (T1BRHI)
00E8
ICNTRL Register
00E9
MICROWIRE/PLUS Shift
Register (SOIR)
00EA
Timer T1 Lower Byte
(TMR1LO)
00EB
Timer T1 Upper Byte
(TMR1HI)
00EC
Timer T1 Autoload Register
T1RA Lower Byte (T1RALO)
00ED
Timer T1 Autoload Register
T1RA Upper Byte (T1RAHI)
00EE
CNTRL, Control Register
00EF
PSW, Processor Status Word
Register
Address
Contents
00F0 to
00FB
On-Chip RAM Mapped as
Registers
00FC
X Register
00FD
SP Register
00FE
B Register
00FF
S Register
0100 to 013F
On-Chip RAM Bytes (64
Bytes)
Reading memory locations 0070H–007FH will
return all ones.
Reading unused memory locations 00xxH–00xxH
will return undefined data.
Addressing Modes
There are ten addressing modes, six for operand addressing
and four for transfer of control.
OPERAND ADDRESSING MODES
Register Indirect
This is the “normal” addressing mode. The operand is the
data memory addressed by the B pointer or X pointer.
Register Indirect (with auto post increment or
decrement of pointer)
This addressing mode is used with the LD and X instruc-
tions. The operand is the data memory addressed by the B
pointer or X pointer. This is a register indirect mode that au-
tomatically post increments or decrements the B or X regis-
ter after executing the instruction.
Direct
The instruction contains an 8-bit address field that directly
points to the data memory for the operand.
Immediate
The instruction contains an 8-bit immediate field as the oper-
and.
Short Immediate
This addressing mode is used with the Load B Immediate in-
struction. The instruction contains a 4-bit immediate field as
the operand.
Indirect
This addressing mode is used with the LAID instruction. The
contents of the accumulator are used as a partial address
(lower 8 bits of PC) for accessing a data operand from the
program memory.
TRANSFER OF CONTROL ADDRESSING MODES
Relative
This mode is used for the JP instruction, with the instruction
field being added to the program counter to get the new pro-
gram location. JP has a range from −31 to +32 to allow a
1-byte relatie jump (JP + 1 is implemented by a NOP instruc-
tion). There are no “pages” when using JP, since all 15 bits of
PC are used.
www.national.com
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com