Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 8Page - National Semiconductor (TI) COP888EB Datasheet HTML 9Page - National Semiconductor (TI) COP888EB Datasheet HTML 10Page - National Semiconductor (TI) COP888EB Datasheet HTML 11Page - National Semiconductor (TI) COP888EB Datasheet HTML 12Page - National Semiconductor (TI) COP888EB Datasheet HTML 13Page - National Semiconductor (TI) COP888EB Datasheet HTML 14Page - National Semiconductor (TI) COP888EB Datasheet HTML 15Page - National Semiconductor (TI) COP888EB Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Pin Description (Continued)
Writing a “1” to bit 6 of the Port G Configuration Register en-
ables the MICROWIRE/PLUS to operate with the alternate
phase of the SK clock
Config. Reg.
Data Reg.
G7
CLKDLY
HALT
G6
Alternate SK
IDLE
Port G has the following alternate features:
G6
SI (MICROWIRE Serial Data Input)
G5
SK (MICROWIRE Serial Clock)
G4
SO (MICROWIRE Serial Data Output)
G3
T1A (Timer I/O)
G2
(Timer T1 Capture Input)
G1
Dedicated WATCHDOG output
G0
INTR (External Interrupt Input)
Port G has the following dedicated function:
G7
CKO Oscillator dedicated output
Port M is a bidirectional I/O, it may be configured in software
as Hi-Z input, weak pull-up, or push-pull output. These pins
may be used as general purpose input/output pins or for se-
lected altlernate functions.
Port M pins have optional alternate functions. Each pin
(M0–M5) has been assigned an alternate data, configura-
tion, or wakeup source. If the respective alternate function is
selected the content of the associated bits in the configura-
tion and/or data register are ignored. If an alternate wakeup
source is selected the input level at the respective pin will be
ignored for the purpose of triggering a wakeup event, how-
ever it will still be possible to read that pin by accessing the
input register. The SPI (Serial Peripheral Interface) block, for
example, uses four of the Port M pins to automatically re-
configure its MISO (Master Input, Slave Output), MOSI
(Master Output, Slave Input), SCK (Serial Clock) and Slave-
Select pins as inputs or outputs, depending on whether the
interface has been configured as a Master or Slave. When
the SPI interface is disabled those pins are available as gen-
eral purpose I/O pins configurable by user software writing to
the associated data and configuration bits. The CAN inter-
face on the device makes use of one of the Port M’s alter-
nate wake-ups, to trigger a wakeup if such a condition has
been detected on the CAN’s dedicated receive pins.
Port M has the following alternate pin functions:
M7
Multi-input Wakeup or CAN
M6
Multi-input Wakeup
M5
Multi-input Wakeup or T2B
M4
Multi-input Wakeup or T2A
M3
Multi-input Wakeup or SS
M2
Multi-input Wakeup or SCK
M1
Multi-input Wakeup or MOSI
M0
Multi-input Wakeup or MISO
Ports C, E, F and N are general-purpose, bidirectional I/O
ports.
Any device package that has Port C, E, F, M, N but has fewer
than eight pins, contains unbonded, floating pads internally
on the chip. For these types of devices, the software should
writea1tothe configuration register bits corresponding to
the non-existent port pins. This configures the port bits as
outputs, thereby reducing leakage current of the device.
Port N is an 8-bit wide port with alternate function capability
used for extending the slave select (SS) lines of the on SPI
interface. The SPI expander block provides mutually exclu-
sive slave select extension signals (ESS0 to ESS7) accord-
ing to the state of the SS line and specific contents of the SPI
shift register. These slave select extension lines can be
routed to the Port N I/O pins by enabling the alternate func-
tion of the port in the PORTNX register. If enabled, the inter-
nal signal on the ESSx line causes the ports state to change
exactly like a change to the PORTND register. It is the user’s
responsibility to switch the port to an output when enabling
the alternate function.
Port N has the following alternate pin functions:
N7
ESS7
N6
ESS6
N5
ESS5
N4
ESS4
N3
ESS3
N2
ESS2
N1
ESS1
N0
ESS0
CAN pins: For the on-chip CAN interface this device has five
dedicated pins with the following features:
V
REF
On-chip reference voltage with the value of V
CC/2
Rx0
CAN receive data input pin.
Rx1
CAN receive data input pin.
Tx0
CAN transmit data output pin. This pin may be put in
the TRI-STATE mode with the TXEN0 bit in the CAN
Bus control register.
Tx1
CAN transmit data output pin. This pin may be put in
the TRI-STATE mode with the TXEN1 bit in the CAN
Bus control register.
ALTERNATE PORT FUNCTIONS
Many general-purpose pins have alternate functions. The
software can program each pin to be used either for a
general-purpose or for a specific function. The chip hardware
determines which of the pins have alternate functions, and
what those functions are. This section lists the alternate
functions available on each of the pins.
Port D is an 8-bit output port that is preset high when RESET
goes low. The user can tie two or more port D outputs (ex-
cept D2) together in order to get a higher drive.
Note: Care must be exercised with D2 pin operation. At RESET, the external
loads on this pin must ensure that the output voltages stay above 0.8
VCC to prevent the chip from entering special modes. Also keep the ex-
ternal loading on D2 to < 1000 pF.
Port I is an 8-bit Hi-Z input port, and also provides the analog
inputs to the A/D converter. If unterminated, Port I pins will
draw power only when addressed.
Functional Description
The architecture of the device utilizes a modified Harvard ar-
chitecture. With the Harvard architecture, the control store
program memory (ROM) is separated from the data store
memory (RAM). Both ROM and RAM have their own sepa-
rate addressing space with separate address buses. The ar-
chitecture, though based on Harvard architecture, permits
transfer of data from ROM to RAM.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com