Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 44Page - National Semiconductor (TI) COP888EB Datasheet HTML 45Page - National Semiconductor (TI) COP888EB Datasheet HTML 46Page - National Semiconductor (TI) COP888EB Datasheet HTML 47Page - National Semiconductor (TI) COP888EB Datasheet HTML 48Page - National Semiconductor (TI) COP888EB Datasheet HTML 49Page - National Semiconductor (TI) COP888EB Datasheet HTML 50Page - National Semiconductor (TI) COP888EB Datasheet HTML 51Page - National Semiconductor (TI) COP888EB Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
Serial Peripheral Interface (Continued)
The SPIU Control Register
TABLE 13. SPI Control (SPICNTL) (0098)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRIE
STIE
SESSEN
SPIMOD[1:0]
SCE
SPIEN
SLOOP
00
0
00000
B7
SRIE
SPI Receive Interrupt Enable
0 — disable receive interrupt
0 — enable receive interrupt
B6
STIE
SPI Transmit buffer Interrupt Enable
0 — disable transmit buffer interrupt
0 — enable transmit buffer interrupt
B5
SESSEN
SPI SS Expander (ESS) enable
0 — The detection of the ESS programming mode is disabled, i.e., the value of MOSI at the falling
edge of SS is “don’t care”.
1 — ESS programming mode detection is enabled, i.e., if the condition “MOSI=0atthe falling edge
of SS” occurs, the SS-Expander is selected and bits [7:0] of the first transmitted byte determine the
state of the N-port (ESS[7:0]). ESS[7:0] will go 1 at the positive edge of SS.
DS012837-40
FIGURE 38. SPI Block Diagram
www.national.com
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com