Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP888EB Datasheet HTML 1Page - National Semiconductor (TI) COP888EB Datasheet HTML 2Page - National Semiconductor (TI) COP888EB Datasheet HTML 3Page - National Semiconductor (TI) COP888EB Datasheet HTML 4Page - National Semiconductor (TI) COP888EB Datasheet HTML 5Page - National Semiconductor (TI) COP888EB Datasheet HTML 6Page - National Semiconductor (TI) COP888EB Datasheet HTML 7Page - National Semiconductor (TI) COP888EB Datasheet HTML 8Page - National Semiconductor (TI) COP888EB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)6V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pins (Source)
90 mA
Total Current out of GND Pins (Sink)
100 mA
Storage Temperature Range
−65˚C to +150˚C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics COP88xEB
−40˚C
≤ T
A ≤ +85˚C
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Ripple (Note 2)
Peak-to-Peak
0.1 V
CC
V
Supply Current
V
CC = 5.5V, tc =1µs
16
mA
CKI = 10 MHz (Note 3)
HALT Current (Notes 4, 5)
V
CC = 5.5V, CKI=0MHz
< 1µA
IDLE Current (Note 5)
V
CC = 5.5V, tc = 1 µs
5.5
mA
CKI = 10 MHz
Input Levels (V
IH,VIL)
Reset, CKI
Logic High
0.8V
CC
V
Logic Low
0.2V
CC
V
All Other Inputs
Logic High
0.7V
CC
V
Logic Low
0.2V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
±2µA
Input Pull-Up Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
Port G, L and M Input Hysteresis
(Note 8)
0.05V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink
V
CC = 4.5V, VOL = 1.0V
10
mA
CAN Transmitter Outputs
Source (Tx1)
V
CC = 4.5V, VOH =VCC −0.1V
−1.5
mA
V
CC = 4.5V, VOH =VCC − 0.6V
−10
+5.0
mA
Sink (Tx0)
V
CC = 4.5V, VOL = 0.1V
1.5
mA
V
CC = 4.5V, VOL = 0.6V
10
mA
All Others
Source (Weak Pull-Up)
V
CC = 4.5V, VOH = 2.7V
−10
−110
µA
Source (Push-Pull)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (Push-Pull)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
TRI-STATE Leakage
V
CC = 5.5V
±2.0
µA
Allowable Sink/Source Current per Pin
D Outputs (sink)
15
mA
Tx0 (Sink) (Note 8)
30
mA
Tx1 (Source) (Note 8)
30
mA
All Other
3mA
Maximum Input Current
Room Temp
±100
mA
without Latchup (Notes 6, 8)
RAM Retention Voltage, V
r (Note 7)
500 ns Rise and Fall Time
2.0
V
Input Capacitance
(Note 8)
7
pF
Load Capacitance on D2
1000
pF
Note 2: Maxiumum rate of voltage change must be < 0.5V/ms
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com