Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 5Page - National Semiconductor (TI) COP888EB Datasheet HTML 6Page - National Semiconductor (TI) COP888EB Datasheet HTML 7Page - National Semiconductor (TI) COP888EB Datasheet HTML 8Page - National Semiconductor (TI) COP888EB Datasheet HTML 9Page - National Semiconductor (TI) COP888EB Datasheet HTML 10Page - National Semiconductor (TI) COP888EB Datasheet HTML 11Page - National Semiconductor (TI) COP888EB Datasheet HTML 12Page - National Semiconductor (TI) COP888EB Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
CAN Comparator DC and AC Characteristics
4.8V
≤ V
CC ≤ 5.2V, −40˚C ≤ TA ≤ +125˚C
Parameter
Conditions
Min
Typ
Max
Units
Differential Input Voltage
±25
mV
Input Offset Voltage
1.5V < V
IN < VCC −1.5V
±10
mV
Input Common Mode
1.5
V
CC −1.5
V
Voltage Range
Input Hysteresis
8
mV
A/D Converter Specifications
(4.5V
≤ V
CC ≤ 5.5V) (VSS − 0.050V) ≤ Any Input ≤ (VCC + 0.050V)
Parameter
Conditions
Min
Typ
Max
Units
Resolution
8
Bits
Absolute Accuracy
V
REF =VCC
±2
LSB
Non-Linearity
±1
LSB
Deviation from the Best Straight Line
Differential Non-Linearity
±1
LSB
Common Mode Input Range (Note 24)
GND
V
CC
V
DC Common Mode Error
±0.5
LSB
Off Channel Leakage Current
1
2.0
µA
On Channel Leakage Current
1
2.0
µA
A/D Clock Frequency (Note 23)
0.1
1.67
MHz
Conversion Time (Note 22)
17
A/D Clock Cycles
Internal Reference Resistance Turn-On Time (Note 25)
1
µs
Note 22: Conversion Time includes sample and hold time.
Note 23: See Prescaler description.
Note 24: For VIN(−) > =VIN(+) the digital output code will be 0000 0000. Two on-chip doides are ties to each analog input. The diodes will forward conduct for analog
input voltages below ground or above the VCC supply. Be careful, during testing at low VCC levels (4.5V), as high level analog inputs (5V) can cause this input diode
to conduct — especially at elevated temperatures, and cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of either diode. This means
that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct. To achieve an absolute 0 VDC to 5 VDC input
voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial tolerance and loading.
Note 25: Time for internal reference resistance to turn on after coming out of Halt or Idle Mode.
DS012837-4
FIGURE 3. MICROWIRE/PLUS Timing Diagram
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com