Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP888EB Datasheet HTML 1Page - National Semiconductor (TI) COP888EB Datasheet HTML 2Page - National Semiconductor (TI) COP888EB Datasheet HTML 3Page - National Semiconductor (TI) COP888EB Datasheet HTML 4Page - National Semiconductor (TI) COP888EB Datasheet HTML 5Page - National Semiconductor (TI) COP888EB Datasheet HTML 6Page - National Semiconductor (TI) COP888EB Datasheet HTML 7Page - National Semiconductor (TI) COP888EB Datasheet HTML 8Page - National Semiconductor (TI) COP888EB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
Connection Diagrams (Continued)
Pinouts for 44-Pin and 68-Pin Packages
Port
Type
ALT
44-Pin
68-Pin
Pin
Function
PLCC
PLCC
G0
I/O
INT
44
1
G1
I/O
WDOUT
1
2
G2
I/O
T1B
2
3
G3
I/O
T1A
3
4
G4
I/O
SO
4
5
G5
I/O
SK
5
6
G6
I
SI
6
7
G7
I
CKO
7
8
D0
O
17
27
D1
O
18
28
D2
O
19
29
D3
O
20
30
D4
O
31
D5
O
32
D6
O
33
D7
O
34
I0
I
ADCH0
36
53
I1
I
ADCH1
37
54
I2
I
ADCH2
38
55
I3
I
ADCH3
39
56
I4
I
ADCH4
57
I5
I
ADCH5
58
I6
I
ADCH6
59
I7
I
ADCH7
60
L0
I/O
MIWU
40
61
L1
I/O
MIWU;CKX
41
62
L2
I/O
MIWU;TDX
42
63
L3
I/O
MIWU;RDX
43
64
L4
I/O
MIWU
65
L5
I/O
MIWU
66
L6
I/O
MIWU
67
L7
I/O
MIWU
68
M0
I/O
MIWU;MISO
21
38
M1
I/O
MIWU;MOSI
22
39
M2
I/O
MIWU;SCK
23
40
M3
I/O
MIWU;SS
24
41
M4
I/O
MIWU;T2A
25
42
M5
I/O
MIWU;T2B
26
43
M6
I/O
MIWU
27
44
N0
I/O
ESS0
12
18
N1
I/O
ESS1
13
19
N2
I/O
ESS2
14
20
N3
I/O
ESS3
15
21
N4
I/O
ESS4
22
N5
I/O
ESS5
23
N6
I/O
ESS6
24
N7
I/O
ESS7
25
Port
Type
ALT
44-Pin
68-Pin
Pin
Function
PLCC
PLCC
F0
I/O
10
F1
I/O
11
F2
I/O
12
F3
I/O
13
F4
I/O
14
C0
I/O
35
C1
I/O
36
C2
I/O
37
RX0
I
31
48
RX1
I
30
47
TX0
O
29
46
TX1
O
28
45
CANV
REF
32
49
CKI
8
9
RESET
16
26
DV
CC
10, 33
16, 50
GND
9, 11, 34
15, 17, 51
A/D V
REF
35
52
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com