Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP888EB Datasheet HTML 7Page - National Semiconductor (TI) COP888EB Datasheet HTML 8Page - National Semiconductor (TI) COP888EB Datasheet HTML 9Page - National Semiconductor (TI) COP888EB Datasheet HTML 10Page - National Semiconductor (TI) COP888EB Datasheet HTML 11Page - National Semiconductor (TI) COP888EB Datasheet HTML 12Page - National Semiconductor (TI) COP888EB Datasheet HTML 13Page - National Semiconductor (TI) COP888EB Datasheet HTML 14Page - National Semiconductor (TI) COP888EB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Typical Performance Characteristics (−55˚C ≤ T
A = +125˚C) (Continued)
Pin Description
V
CC and GND are the power supply pins.
CKI is the clock input. The clock can come from a crystal os-
cillator (in conjunction with CKO). See Oscillator Description
section.
RESET is the master reset input. See Reset Description sec-
tion.
The device contains seven bidirectional 8-bit I/O ports (C, E,
F, G, L, M, N) where each individual bit may be indepen-
dently configured as an input (Schmitt trigger inputs on all
ports), output or TRI-STATE under program control. Three
data memory address locations are allocated for each of
these I/O ports. Each I/O port has two associated 8-bit
memory mapped registers, the CONFIGURATION register
and the output DATA register. A memory mapped address is
also reserved for the input pins of each I/O port. (See the
memory map for the various addresses associated with the
I/O ports.)
Figure 5 shows the I/O port configurations for the
device. The DATA and CONFIGURATION registers allow for
each port bit to be individually configured under software
control as shown below:
Configuration
Data
Port Set-Up
Register
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
Port L and M are 8-bit I/O ports, they support Multi-Input
Wake-up (MIWU) on all eight pins. All L-pins and M-pins
have Schmitt triggers on the inputs.
Port L and M only have one (1) interrupt vector.
Port L has the following alternate features:
L7
MIWU
L6
MIWU
L5
MIWU
L4
MIWU
L3
MIWU or RDX
L2
MIWU or TDX
L1
MIWU or CKX
L0
MIWU
Port G is an 8-bit port with 5 I/O pins (G0–G5), an input pin
(G6), and one dedicated output pin (G7). Pins G0–G6 all
have Schmitt Triggers on their inputs. G7 serves as the dedi-
cated output pin for the CKO clock output. There are two reg-
isters associated with the G Port, a data register and a con-
figuration register. Therefore, each of the 6 I/O bits (G0–G5)
can be individually configured under software control.
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin the associated bits in the data and configu-
ration registers for G6 and G7 are used for special purpose
functions as outlined below. Reading the G6 and G7 data
bits will return zeroes.
Note that the chip will be placed in the HALT mode by wirting
a ’’1” to bit 7 of the Port G Data Register. Similarly the chip
will be placed in the IDLE mode by writing a “1” to bit 6 of the
Port G Data Register.
DS012837-61
DS012837-6
FIGURE 5. I/O Port Configurations
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com