Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888EB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888EB
Description  8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888EB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP888EB Datasheet HTML 1Page - National Semiconductor (TI) COP888EB Datasheet HTML 2Page - National Semiconductor (TI) COP888EB Datasheet HTML 3Page - National Semiconductor (TI) COP888EB Datasheet HTML 4Page - National Semiconductor (TI) COP888EB Datasheet HTML 5Page - National Semiconductor (TI) COP888EB Datasheet HTML 6Page - National Semiconductor (TI) COP888EB Datasheet HTML 7Page - National Semiconductor (TI) COP888EB Datasheet HTML 8Page - National Semiconductor (TI) COP888EB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Basic Functional Description
n CAN I/F — CAN serial bus interface block as described
in the CAN specification part 2.0B (Passive)
— Interface rates up to 250k bit/s are supported utilizing
standard message identifiers
n Programmable double buffered USART
n A/D — 8-bit, 8 channel, 1-LSB Resolution, with improved
Source Impedance and improved channel to channel
cross talk immunity
n Multi-Input-Wake-Up (MIWU) — edge selectable wake-up
and interrupt capability via input port and CAN interface
(Port L, Port M and CAN I/F); supports Wake-Up
capability on SPI, USART, and T2 capture
n Port C — 8-bit bi-directional I/O port
n Port D — 8-bit Output port with high current drive
capability (10 mA)
n Port F — 8-bit bidirectional I/O
n Port G — 8-bit bidirectional I/O port, including alternate
functions for:
— MICROWIRE™ Input and Output
— Timer 1 Input or Output (Depending on mode
selected)
— External Interrupt input
— WATCHDOG Output
n Port I — 8-bit input port combining either digital input, or
up to eight A/D input channels
n Port L — 8-bit bidirectional I/O port, including alternate
functions for:
— USART Transmit/Receive I/O
— Multi-input-wake up (MIWU on all pins)
n Port M — 8-bit I/O port, with the following alternate
function
— SPI Interface
— MIWU
— CAN Interface Wake-up (MSB)
— Timer 2 Input or Output (Depending on mode
selected)
n Port N — 8-bit bidirectional I/O
— SPI Slave Select Expander
n Two 16-bit multi-function Timer counters (T1 and T2)
plus supporting registers
— (I/P Capture, PWM and Event Counting)
n Idle timer — Provides a basic time-base counter, (with
interrupt) and automatic wake up from IDLE mode
programmable
n MICROWIRE/PLUS — MICROWIRE serial peripheral
interface, supporting both Master and Slave operation
n HALT and IDLE — Software programmable low current
modes
— HALT — Processor stopped, Minimum current
— IDLE — Processor semi-active more than 60% power
saving
n 8 kBytes ROM and 192 bytes of on board static RAM
n SPI Master/Slave interface includes 12 bytes Transmit
and 12 bytes Receive FIFO Buffers. Operates up to 1M
Bit/S
n On board programmable WATCHDOG and CLOCK
Monitor
Applications
n Automobile Body Control and Comfort System
n Integrated Driver Informaiton Systems
n Steering Wheel Control
n Car Radio Control Panel
n Sensor/Actuator Applications in Automotive and
Industrial Control
Block Diagram
DS012837-1
FIGURE 1. Block Diagram
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com