Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 26Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 27Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 28Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 29Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 30Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 31Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 32Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 33Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
11.0 In-System Programming
(Continued)
11.6 RETURN TO FLASH MEMORY WITHOUT
HARDWARE RESET
After programming the entire program memory, including
options, it is necessary to exit the Boot ROM and return to
the flash program memory for program execution. Upon
receipt and completion of the EXIT command through the
MICROWIRE/PLUS ISP, the ISP code will reset the part and
begin execution from the flash program memory as de-
scribed in the Reset section. This assumes that the FLEX bit
in the Option register was programmed to 1.
11.7 MICROWIRE/PLUS ISP
National Semiconductor provides a program, which is avail-
able from our web site at www.national.com/cop8, that is
capable of programming a device from the parallel port of a
PC. The software accepts manually input commands and is
capable of downloading standard Intel HEX Format files.
Users who wish to write their own MICROWIRE/PLUS ISP
host software should refer to the COP8 FLASH ISP User
Manual, available from the same web site. This document
includes details of command format and delays necessary
between command bytes.
The MICROWIRE/PLUS ISP supports the following features
and commands:
•
Write a value to the ISP Write Timing Register. NOTE:
This
must
be
the
first
command
after
entering
MICROWIRE/PLUS ISP mode.
•
Erase the entire flash program memory (mass erase).
•
Erase a page at a specified address.
•
Read Option register.
•
Read a byte from a specified address.
•
Write a byte to a specified address.
•
Read multiple bytes starting at a specified address.
•
Write multiple bytes starting at a specified address.
•
Exit ISP and return execution to flash program memory.
The following table lists the MICROWIRE/PLUS ISP com-
mands and provides information on required parameters and
return values.
TABLE 10. MICROWIRE/PLUS ISP Commands
Command
Function
Command
Value (Hex)
Parameters
Return Data
PGMTIM_SET
Write Pulse Timing
Register
0x3B
Value
N/A
PAGE_ERASE
Page Erase
0xB3
Starting Address of
Page
N/A
MASS_ERASE
Mass Erase
0xBF
Confirmation Code
N/A (The entire Flash
Memory will be erased)
READ_BYTE
Read Byte
0x1D
Address High, Address
Low
Data Byte if Security not
set. 0xFF if Security set.
Option Register if address
= 0xFFFF, regardless of
Security
BLOCKR
Block Read
0xA3
Address High, Address
Low, Byte Count (n)
High, Byte Count (n)
Low
0
≤ n ≤ 32767
n Data Bytes if Security
not set.
n Bytes of 0xFF if
Security set.
WRITE_BYTE
Write Byte
0x71
Address High, Address
Low, Data Byte
N/A
BLOCKW
Block Write
0x8F
Address High, Address
Low, Byte Count (0
≤ n
≤ 16), n Data Bytes
N/A
EXIT
EXIT
0xD3
N/A
N/A (Device will Reset)
INVALID
N/A
Any other invalid
command will be
ignored
N/A
Note: The user must ensure that Block Writes do not cross a 64 byte boundary within one operation.
11.8 USER ISP AND VIRTUAL E
2
The following commands will support transferring blocks of
data from RAM to flash program memory, and vice-versa.
The user is expected to enforce application security in this
case.
•
Erase the entire flash program memory (mass erase).
NOTE: Execution of this command will force the device
into the MICROWIRE/PLUS ISP mode.
•
Erase a page of flash memory at a specified address.
•
Read a byte from a specified address.
•
Write a byte to a specified address.
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com