Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 56Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 57Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 58Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 59Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 60Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
17.0 MICROWIRE/PLUS (Continued)
17.1.2.1 Alternate SK Phase Operation and SK Idle
Polarity
The device allows either the normal SK clock or an alternate
phase SK clock to shift data in and out of the SIO register. In
both the modes the SK idle polarity can be either high or low.
The polarity is selected by bit 5 of Port G data register. In the
normal mode data is shifted in on the rising edge of the SK
clock and the data is shifted out on the falling edge of the SK
clock. The SIO register is shifted on each falling edge of the
SK clock. In the alternate SK phase operation, data is shifted
in on the falling edge of the SK clock and shifted out on the
rising edge of the SK clock. Bit 6 of Port G configuration
register selects the SK edge.
A control flag, SKSEL, allows either the normal SK clock or
the alternate SK clock to be selected. Refer to Table 25 for
the appropriate setting of the SKSEL bit. The SKSEL is
mapped into the G6 configuration bit. The SKSEL flag will
power up in the reset condition, selecting the normal SK
signal provided the SK Idle Polarity remains LOW.
TABLE 25. MICROWIRE/PLUS Shift Clock Polarity and Sample/Shift Phase
Port G
SO Clocked Out On:
SI Sampled On:
SK Idle
Phase
SK Phase
G6 (SKSEL)
Config. Bit
G5 Data
Bit
Normal
0
0
SK Falling Edge
SK Rising Edge
Low
Alternate
1
0
SK Rising Edge
SK Falling Edge
Low
Alternate
0
1
SK Rising Edge
SK Falling Edge
High
Normal
1
1
SK Falling Edge
SK Rising Edge
High
10138935
FIGURE 29. MICROWIRE/PLUS Application
10138936
FIGURE 30. MICROWIRE/PLUS SPI Mode Interface Timing, Normal SK Mode, SK Idle Phase being Low
www.national.com
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com