Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 42Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 43Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 44Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 45Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 46Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 47Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 48Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 49Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
14.0 USART (Continued)
Read/Write, cleared on reset.
CHL1 = 0, CHL0 = 0
The frame contains eight data bits.
CHL1 = 0, CHL0 = 1
The frame contains seven data bits.
CHL1 = 1, CHL0 = 0
The frame contains nine data bits.
CHL1 = 1, CHL0 = 1
Loopback Mode selected. Trans-
mitter output internally looped back
to receiver input. Nine bit framing
format is used.
ERR: This bit is a global USART error flag which gets set if
any or a combination of the errors (DOE, FE, PE, BD) occur.
Read only; it cannot be written by software, cleared on reset.
RBFL: This bit is set when the USART has received a
complete character and has copied it into the RBUF register.
It is automatically reset when software reads the character
from RBUF. Read only; it cannot be written by software,
cleared on reset.
TBMT: This bit is set when the USART transfers a byte of
data from the TBUF register into the TSFT register for trans-
mission. It is automatically reset when software writes into
the TBUF register. Read only, bit is set to “one” on reset; it
cannot be written by software.
ENUR — USART RECEIVE CONTROL AND STATUS REG-
ISTER (Address at 0BB)
DOE
FE
PE
BD
RBIT9
ATTN
XMTG
RCVG
Bit 7
Bit 0
DOE: Flags a Data Overrun Error. Read only, cleared on
read, cleared on reset.
DOE = 0
Indicates no Data Overrun Error has been de-
tected since the last time the ENUR register
was read.
DOE = 1
Indicates the occurrence of a Data Overrun
Error.
FE: Flags a Framing Error. Read only, cleared on read,
cleared on reset.
FE = 0
Indicates no Framing Error has been detected
since the last time the ENUR register was read.
FE = 1
Indicates the occurrence of a Framing Error.
PE: Flags a Parity Error. Read only, cleared on read, cleared
on reset.
PE = 0
Indicates no Parity Error has been detected since
the last time the ENUR register was read.
PE = 1
Indicates the occurrence of a Parity Error.
BD: Flags a line break.
BD = 0 Indicates no Line Break has been detected since
the last time the ENUR register was read.
BD = 1 Indicates the occurrence of a Line Break.
RBIT9: Contains the ninth data bit received when the
USART is operating with nine data bits per frame. Read only,
cleared on reset.
ATTN: ATTENTION Mode is enabled while this bit is set.
This bit is cleared automatically on receiving a character with
data bit nine set. Read/Write, cleared on reset.
XMTG: This bit is set to indicate that the USART is transmit-
ting. It gets reset at the end of the last frame (end of last Stop
bit). Read only, cleared on reset.
RCVG: This bit is set high whenever a framing error or a
Break Detect occurs and goes low when RDX goes high.
Read only, cleared on reset.
ENUI — USART INTERRUPT AND CLOCK SOURCE REG-
ISTER (Address at 0BC)
STP2
BRK
ETDX
SSEL
XRCLK XTCLK
ERI
ETI
Bit 7
Bit 0
STP2: This bit programs the number of Stop bits to be
transmitted. Read/Write, cleared on reset.
STP2 = 0
One Stop bit transmitted.
STP2 = 1
Two Stop bits transmitted.
BRK: Holds TDX (USART Transmit Pin) low to generate a
Line Break. Timing of the Line Break is under software
control.
ETDX: TDX (USART Transmit Pin) is the alternate function
assigned to Port L pin L2; it is selected by setting ETDX bit.
SSEL: USART mode select. Read only, cleared on reset.
SSEL = 0
Asynchronous Mode.
SSEL = 1
Synchronous Mode.
XRCLK: This bit selects the clock source for the receiver
section. Read/Write, cleared on reset.
XRCLK = 0
The clock source is selected through the
PSR and BAUD registers.
XRCLK = 1
Signal on CKX (L1) pin is used as the clock.
XTCLK: This bit selects the clock source for the transmitter
section. Read/Write, cleared on reset.
XTCLK = 0
The clock source is selected through the PSR
and BAUD registers.
XTCLK = 1
Signal on CKX (L1) pin is used as the clock.
ERI: This bit enables/disables interrupt from the receiver
section. Read/Write, cleared on reset.
ERI = 0
Interrupt from the receiver is disabled.
ERI = 1
Interrupt from the receiver is enabled.
ETI: This bit enables/disables interrupt from the transmitter
section. Read/Write, cleared on reset.
ETI = 0
Interrupt from the transmitter is disabled.
ETI = 1
Interrupt from the transmitter is enabled.
14.3 ASSOCIATED I/O PINS
Data is transmitted on the TDX pin and received on the RDX
pin. TDX is the alternate function assigned to Port L pin L2;
it is selected by setting ETDX (in the ENUI register) to one.
RDX is an inherent function Port L pin L3, requiring no setup.
Port L pin L2 must be configured as an output in the Port L
Configuration Register in order to be used as the TDX pin.
The baud rate clock for the USART can be generated on-
chip, or can be taken from an external source. Port L pin L1
(CKX) is the external clock I/O pin. The CKX pin can be
either an input or an output, as determined by Port L Con-
figuration and Data registers (Bit 1). As an input, it accepts a
clock signal which may be selected to drive the transmitter
and/or receiver. As an output, it presents the internal Baud
Rate Generator output.
Note: The CKX pin is unavailable if Port L1 is used for the
Low Speed Oscillator.
14.4 USART OPERATION
The USART has two modes of operation: asynchronous
mode and synchronous mode.
www.national.com
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com