Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 58Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 59Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 60Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 65Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
18.0 Memory Map
All RAM, ports and registers (except A and PC) are mapped
into data memory address space.
Address
Contents
S/ADD REG
0000 to 006F
On-Chip RAM bytes (112 bytes)
0070 to 007F
Unused RAM Address Space (Reads
As All Ones)
xx80 to xx90
Unused RAM Address Space (Reads
Undefined Data)
xx90
Port E Data Register
xx91
Port E Configuration Register
xx92
Port E Input Pins (Read Only)
xx93
Reserved for Port E
xx94
Port F Data Register
xx95
Port F Configuration Register
xx96
Port F Input Pins (Read Only)
xx97
Reserved for Port F
xx98 to xx9F
Reserved
xxA0
Port A Data Register
xxA1
Port A Configuration Register
xxA2
Port A Input Pins (Read Only)
xxA3
Reserved for Port A
xxA4
Port B Data Register
xxA5
Port B Configuration Register
xxA6
Port B Input Pins (Read Only)
xxA7
Reserved for Port B
xxA8
ISP Address Register Low Byte
(ISPADLO)
xxA9
ISP Address Register High Byte
(ISPADHI)
xxAA
ISP Read Data Register (ISPRD)
xxAB
ISP Write Data Register (ISPWR)
xxAC
Reserved
xxAD
Reserved
xxAE
Reserved
xxAF
High Speed Timers Control Register
(HSTCR)
xxB0
Timer T3 Lower Byte
xxB1
Timer T3 Upper Byte
xxB2
Timer T3 Autoload Register T3RA
Lower Byte
xxB3
Timer T3 Autoload Register T3RA
Upper Byte
xxB4
Timer T3 Autoload Register T3RB
Lower Byte
xxB5
Timer T3 Autoload Register T3RB
Upper Byte
xxB6
Timer T3 Control Register
xxB7
Reserved
xxB8
USART Transmit Buffer (TBUF)
xxB9
USART Receive Buffer (RBUF)
Address
Contents
S/ADD REG
xxBA
USART Control and Status Register
(ENU)
xxBB
USART Receive Control and Status
Register (ENUR)
xxBC
USART Interrupt and Clock Source
Register (ENUI)
xxBD
USART Baud Register (BAUD)
xxBE
USART Prescale Select Register
(PSR)
xxBF
Reserved for USART
xxC0
Timer T2 Lower Byte
xxC1
Timer T2 Upper Byte
xxC2
Timer T2 Autoload Register T2RA
Lower Byte
xxC3
Timer T2 Autoload Register T2RA
Upper Byte
xxC4
Timer T2 Autoload Register T2RB
Lower Byte
xxC5
Timer T2 Autoload Register T2RB
Upper Byte
xxC6
Timer T2 Control Register
xxC7
WATCHDOG Service Register
(Reg:WDSVR)
xxC8
MIWU Edge Select Register
(Reg:WKEDG)
xxC9
MIWU Enable Register (Reg:WKEN)
xxCA
MIWU Pending Register
(Reg:WKPND)
xxCB to xxCE
Reserved
xxCF
Idle Timer Control Register (ITMR)
xxD0
Port L Data Register
xxD1
Port L Configuration Register
xxD2
Port L Input Pins (Read Only)
xxD3
Reserved for Port L
xxD4
Port G Data Register
xxD5
Port G Configuration Register
xxD6
Port G Input Pins (Read Only)
xxD7
Reserved
xxD8
Port C Data Register
xxD9
Port C Configuration Register
xxDA
Port C Input Pins (Read Only)
xxDB
Reserved for Port C
xxDC
Port D
xxDD to xxDF
Reserved for Port D
xxE0
Reserved
xxE1
Flash Memory Write Timing Register
(PGMTIM)
xxE2
ISP Key Register (ISPKEY)
xxE3 to xxE5
Reserved
xxE6
Timer T1 Autoload Register T1RB
Lower Byte
www.national.com
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com