Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 30Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 31Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 32Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 33Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 34Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 35Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 36Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 37Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
12.0 Timers
The device contains a very versatile set of timers (T0, T1, T2
and T3). Timers T1, T2 and T3 and associated autoreload/
capture registers power up containing random data.
12.1 TIMER T0 (IDLE TIMER)
The device supports applications that require maintaining
real time and low power with the IDLE mode. This IDLE
mode support is furnished by the IDLE Timer T0, which is a
16-bit timer. The user cannot read or write to the IDLE Timer
T0, which is a count down timer.
As described in 13.0 Power Saving Features, the clock to the
IDLE Timer depends on which mode the device is in. If the
device is in High Speed mode, the clock to the IDLE Timer is
the instruction cycle clock (one-fifth of the CKI frequency). If
the device is in Dual Clock mode or Low Speed mode, the
clock to the IDLE Timer is the 32 kHz clock. For the remain-
der of this section, the term “selected clock” will refer to the
clock selected by the Power Save mode of the device.
During Dual Clock and Low Speed modes, the divide by 10
that creates the instruction cycle clock is disabled, to mini-
mize power consumption.
In addition to its time base function, the Timer T0 supports
the following functions:
•
Exit out of the Idle Mode (See Idle Mode description)
•
WATCHDOG logic (See WATCHDOG description)
•
Start up delay out of the HALT mode
•
Start up delay from BOR
Figure 15 is a functional block diagram showing the structure
of the IDLE Timer and its associated interrupt logic.
Bits 11 through 15 of the ITMR register can be selected for
triggering the IDLE Timer interrupt. Each time the selected
bit underflows (every 4k, 8k, 16k, 32k or 64k selected
clocks), the IDLE Timer interrupt pending bit T0PND is set,
thus generating an interrupt (if enabled), and bit 6 of the Port
G data register is reset, thus causing an exit from the IDLE
mode if the device is in that mode.
In order for an interrupt to be generated, the IDLE Timer
interrupt enable bit T0EN must be set, and the GIE (Global
Interrupt Enable) bit must also be set. The T0PND flag and
T0EN bit are bits 5 and 4 of the ICNTRL register, respec-
tively. The interrupt can be used for any purpose. Typically, it
is used to perform a task upon exit from the IDLE mode. For
more information on the IDLE mode, refer to 13.0 Power
Saving Features.
The Idle Timer period is selected by bits 0–2 of the ITMR
register Bit 3 of the ITMR Register is reserved and should
not be used as a software flag. Bits 4 through 7 of the ITMR
Register are used by the dual clock and are described in
13.0 Power Saving Features.
TABLE 14. Idle Timer Window Length
ITSEL2
ITSEL1
ITSEL0
Idle Timer Period
High Speed
Mode
Dual Clock
or
Low Speed
Mode
0
0
0
4,096 inst.
cycles
0.125
seconds
0
0
1
8,192 inst.
cycles
0.25 seconds
0
1
0
16,384 inst.
cycles
0.5 seconds
0
1
1
32,768 inst.
cycles
1 second
1
0
0
65,536 inst.
cycles
2 seconds
1
0
1
Reserved - Undefined
ITSEL2
ITSEL1
ITSEL0
Idle Timer Period
High Speed
Mode
Dual Clock
or
Low Speed
Mode
1
1
0
Reserved - Undefined
1
1
1
Reserved - Undefined
The ITSEL bits of the ITMR register are cleared on Reset
and the Idle Timer period is reset to 4,096 instruction cycles.
12.1.1 ITMR Register
LSON
HSON
DCEN
CCK
SEL
RSVD ITSEL2 ITSEL1 ITSEL0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bits 7–4: Described in 13.0 Power Saving Features.
10138918
FIGURE 15. Functional Block Diagram for Idle Timer T0
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com