Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 59Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 60Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 65Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 66Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
18.0 Memory Map (Continued)
Address
Contents
S/ADD REG
xxE7
Timer T1 Autoload Register T1RB
Upper Byte
xxE8
ICNTRL Register
xxE9
MICROWIRE/PLUS Shift Register
xxEA
Timer T1 Lower Byte
xxEB
Timer T1 Upper Byte
xxEC
Timer T1 Autoload Register T1RA
Lower Byte
xxED
Timer T1 Autoload Register T1RA
Upper Byte
xxEE
CNTRL Control Register
xxEF
PSW Register
xxF0 to FB
On-Chip RAM Mapped as Registers
xxFC
X Register
Address
Contents
S/ADD REG
xxFD
SP Register
xxFE
B Register
xxFF
S Register
0100 to 017F
On-Chip 128 RAM Bytes
0200 to 027F
On-Chip 128 RAM Bytes
0300 to 037F
On-Chip 128 RAM Bytes
0400 to 047F
On-Chip 128 RAM Bytes
0500 to 057F
On-Chip 128 RAM Bytes
0600 to 067F
On-Chip 128 RAM Bytes
0700 to 077F
On-Chip 128 RAM Bytes
Note: Reading memory locations 0070H–007FH (Segment 0) will return all
ones. Reading unused memory locations 0080H–0093H (Segment 0)
will return undefined data. Reading memory locations from other Seg-
ments (i.e., Segment 8, Segment 9, … etc.) will return undefined data.
www.national.com
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com