Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 55Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 56Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 57Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 58Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 59Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 60Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
16.0 WATCHDOG/Clock Monitor
(Continued)
turn will cause the program to return to address 7FFF Hex.
The Option Register is located at this location and, when
accessed by an instruction fetch, will respond with an INTR
instruction (all 0’s) to generate a software interrupt, signalling
an illegal condition on overpop of the stack.
Thus, the chip can detect the following illegal conditions:
1.
Executing from undefined Program Memory
2.
Over “POP”ing the stack by having more returns than
calls.
When the software interrupt occurs, the user can re-initialize
the stack pointer and do a recovery procedure before restart-
ing (this recovery program is probably similar to that follow-
ing reset, but might not contain the same program initializa-
tion procedures). The recovery program should reset the
software interrupt pending bit using the RPND instruction.
17.0 MICROWIRE/PLUS
MICROWIRE/PLUS is a serial SPI compatible synchronous
communications interface. The MICROWIRE/PLUS capabil-
ity enables the device to interface with MICROWIRE/PLUS
or SPI peripherals (i.e. A/D converters, display drivers,
EEPROMs etc.) and with other microcontrollers which sup-
port the MICROWIRE/PLUS or SPI interface. It consists of
an 8-bit serial shift register (SIO) with serial data input (SI),
serial data output (SO) and serial shift clock (SK). Figure 29
shows a block diagram of the MICROWIRE/PLUS logic.
The shift clock can be selected from either an internal source
or an external source. Operating the MICROWIRE/PLUS
arrangement with the internal clock source is called the
Master
mode
of
operation.
Similarly,
operating
the
MICROWIRE/PLUS arrangement with an external shift clock
is called the Slave mode of operation.
The CNTRL register is used to configure and control the
MICROWIRE/PLUS mode. To use the MICROWIRE/PLUS,
the MSEL bit in the CNTRL register is set to one. In the
master mode, the SK clock rate is selected by the two bits,
SL0 and SL1, in the CNTRL register. Table 23 details the
different clock rates that may be selected.
TABLE 23. MICROWIRE/PLUS
Master Mode Clock Select
SL1
SL0
SK Period
0
0
2xt
C
0
1
4xt
C
1
x
8xt
C
Where tC is the instruction cycle clock
17.1 MICROWIRE/PLUS OPERATION
Setting the BUSY bit in the PSW register causes the
MICROWIRE/PLUS to start shifting the data. It gets reset
when eight data bits have been shifted. The user may reset
the BUSY bit by software to allow less than 8 bits to shift. If
enabled, an interrupt is generated when eight data bits have
been shifted. The device may enter the MICROWIRE/PLUS
mode either as a Master or as a Slave. Figure 29 shows how
two microcontroller devices and several peripherals may be
interconnected using the MICROWIRE/PLUS arrangements.
Warning:
The SIO register should only be loaded when the SK clock is
in the idle phase. Loading the SIO register while the SK clock
is in the active phase, will result in undefined data in the SIO
register.
Setting the BUSY flag when the input SK clock is in the
active phase while in the MICROWIRE/PLUS is in the slave
mode may cause the current SK clock for the SIO shift
register to be narrow. For safety, the BUSY flag should only
be set when the input SK clock is in the idle phase.
17.1.1 MICROWIRE/PLUS Master Mode Operation
In the MICROWIRE/PLUS Master mode of operation the
shift clock (SK) is generated internally. The MICROWIRE/
PLUS Master always initiates all data exchanges. The MSEL
bit in the CNTRL register must be set to enable the SO and
SK functions onto the G Port. The SO and SK pins must also
be selected as outputs by setting appropriate bits in the Port
G configuration register. In the slave mode, the shift clock
stops after 8 clock pulses. Table 24 summarizes the bit
settings required for Master mode of operation.
17.1.2 MICROWIRE/PLUS Slave Mode Operation
In the MICROWIRE/PLUS Slave mode of operation the SK
clock is generated by an external source. Setting the MSEL
bit in the CNTRL register enables the SO and SK functions
onto the G Port. The SK pin must be selected as an input
and the SO pin is selected as an output pin by setting and
resetting the appropriate bits in the Port G configuration
register. Table 24 summarizes the settings required to enter
the Slave mode of operation.
TABLE 24. MICROWIRE/PLUS Mode Settings
This table assumes that the control flag MSEL is set.
G4 (SO)
G5 (SK)
G4
G5
Operation
Config. Bit
Config. Bit
Fun.
Fun.
1
1
SO
Int.
MICROWIRE/PLUS
SK
Master
0
1
TRI-
Int.
MICROWIRE/PLUS
STATE
SK
Master
1
0
SO
Ext.
MICROWIRE/PLUS
SK
Slave
0
0
TRI-
Ext.
MICROWIRE/PLUS
STATE
SK
Slave
The user must set the BUSY flag immediately upon entering
the Slave mode. This ensures that all data bits sent by the
Master is shifted properly. After eight clock pulses the BUSY
flag is clear, the shift clock is stopped, and the sequence
may be repeated.
www.national.com
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com