Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 38Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 39Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 40Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 41Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 42Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 43Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 44Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 45Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
13.0 Power Saving Features
(Continued)
IDLE Timer which is associated with the selected window.
Another method is to poll the state of the IDLE Timer pending
bit T0PND, which is set on the same occurrence. The Idle
Timer interrupt is enabled by setting bit T0EN in the ICNTRL
register.
Any time the IDLE Timer window length is changed there is
the possibility of generating a spurious IDLE Timer interrupt
by setting the T0PND bit. The user is advised to disable
IDLE Timer interrupts prior to changing the value of the
ITSEL bits of the ITMR Register and then clear the T0PND
bit before attempting to synchronize operation to the IDLE
Timer.
Note: As with the HALT mode, it is necessary to program two
NOP’s to allow clock resynchronization upon return from the
IDLE mode. The NOP’s are placed either at the beginning of
the IDLE Timer interrupt routine or immediately following the
“enter IDLE mode” instruction.
For more information on the IDLE Timer and its associated
interrupt, see the description in the Timers section.
13.5 LOW SPEED MODE OPERATION
This mode of operation allows for low speed operation of the
core clock and low speed operation of the Idle Timer. Be-
cause the low speed oscillator draws very little operating
current, and also to expedite restarting from HALT mode, the
low speed oscillator is left on at all times in this mode,
including HALT mode. This is the lowest power mode of
operation on the device. This mode can only be entered from
the Dual Clock mode.
To enter the Low Speed mode, the following sequence must
be followed using two separate instructions:
1.
Software sets the CCKSEL bit to 1.
2.
Software clears the HSON bit to 0.
Since the low speed oscillator is already running, there is no
clock startup delay.
13.5.1 Low Speed HALT Mode
The fully static architecture of this device allows the state of
the microcontroller to be frozen. Because the low speed
oscillator draws very minimal operating current, it will be left
running in the low speed halt mode. However, the Idle Timer
will not be running. This also allows for a faster exit from
HALT. The processor can be forced to exit the HALT mode
and resume normal operation at any time.
During normal operation, the actual power consumption de-
pends heavily on the clock speed and operating voltage
used in an application and is shown in the Electrical Speci-
fications. In the HALT mode, the device only draws a small
leakage current, plus current for the BOR feature (if en-
abled), plus the 32 kHz oscillator current, plus any current
necessary for driving the outputs. Since total power con-
sumption is affected by the amount of current required to
drive the outputs, all I/Os should be configured to draw
minimal current prior to entering the HALT mode, if possible.
13.5.1.1 Entering The Low Speed Halt Mode
The device enters the HALT mode under software control
when the Port G data register bit 7 is set to 1. All processor
action stops in the middle of the next instruction cycle, and
power consumption is reduced to a very low level. In order to
expedite exit from HALT, the low speed oscillator is left
running when the device is Halted in the Low Speed mode.
However, the Idle Timer will not be clocked.
13.5.1.2 Exiting The Low Speed Halt Mode
When the HALT mode is entered by setting bit 7 of the Port
G data register, there is a choice of methods for exiting the
HALT mode: a chip Reset using the RESET pin or a Multi-
Input Wake-up. The Reset method and Multi-Input Wake-up
method can be used with any clock option, but the availabil-
ity of the G7 input is dependent on the clock option.
13.5.1.3 HALT Exit Using Reset
A device Reset, which is invoked by a low-level signal on the
RESET input pin, takes the device out of the Low Speed
mode and puts it into the High Speed mode.
13.5.1.4 HALT Exit Using Multi-Input Wake-up
The device can be brought out of the HALT mode by a
transition received on one of the available Wake-up pins.
The pins used and the types of transitions sensed on the
Multi-input pins are software programmable. For information
on programming and using the Multi-Input Wake-up feature,
refer to the Multi-Input Wake-up section.
As the low speed oscillator is left running, there is no start up
delay when exiting the low speed halt mode, regardless of
the state of the CLKDLY bit.
Note: To ensure accurate operation upon start-up of the
device using Multi-input Wake-up, the instruction in the ap-
plication program used for entering the HALT mode should
be followed by two consecutive NOP (no-operation) instruc-
tions.
13.5.1.5 Options
This device has two options associated with the HALT mode.
The first option enables the HALT mode feature, while the
second option disables HALT mode operation. Selecting the
disable HALT mode option will cause the microcontroller to
ignore any attempts to HALT the device under software
control. See the Option section for more details on this
option bit.
13.5.2 Low Speed Idle Mode
In the IDLE mode, program execution stops and power
consumption is reduced to a very low level as with the HALT
mode. However, the low speed oscillator, IDLE Timer (Timer
T0), and Clock Monitor continue to operate, allowing real
time to be maintained. The device remains idle for a selected
amount of time up to 2 seconds, and then automatically exits
the IDLE mode and returns to normal program execution
using the low speed clock.
The device is placed in the IDLE mode under software
control by setting the IDLE bit (bit 6 of the Port G data
register).
The IDLE Timer window is selectable from one of five values,
0.125 seconds, 0.25 seconds, 0.5 seconds, 1 second, and
2 seconds. Selection of this value is made through the ITMR
register.
The IDLE mode uses the on-chip IDLE Timer (Timer T0) to
keep track of elapsed time in the IDLE state. The IDLE Timer
runs continuously at the low speed clock rate, whether or not
the device is in the IDLE mode. Each time the bit of the timer
associated with the selected window toggles, the T0PND bit
is set, an interrupt is generated (if enabled), and the device
exits the IDLE mode if in that mode. If the IDLE Timer
www.national.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com