Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 65Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 66Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 67Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 68Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
19.0 Instruction Set (Continued)
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
XX Hex
05 Hex
Immediate Short. This is a special case of an immediate
instruction. In the “Load B immediate” instruction, the 4-bit
immediate value in the instruction is loaded into the lower
nibble of the B register. The upper nibble of the B register is
reset to 0000 binary.
Example: Load B Register Immediate Short
LD B,#7
Reg/Data
Contents
Contents
Memory
Before
After
B Pointer
12 Hex
07 Hex
Indirect from Program Memory. This is a special case of
an indirect instruction that allows access to data tables
stored in program memory. In the “Load Accumulator Indi-
rect” (LAID) instruction, the upper and lower bytes of the
Program Counter (PCU and PCL) are used temporarily as a
pointer to program memory. For purposes of accessing pro-
gram memory, the contents of the Accumulator and PCL are
exchanged. The data pointed to by the Program Counter is
loaded into the Accumulator, and simultaneously, the original
contents of PCL are restored so that the program can re-
sume normal execution.
Example: Load Accumulator Indirect
LAID
Reg/Data
Contents
Contents
Memory
Before
After
PCU
04 Hex
04 Hex
PCL
35 Hex
36 Hex
Accumulator
1F Hex
25 Hex
Memory Location
25 Hex
25 Hex
041F Hex
19.3.2 Tranfer-of-Control Addressing Modes
Program instructions are usually executed in sequential or-
der. However, Jump instructions can be used to change the
normal execution sequence. Several transfer-of-control ad-
dressing modes are available to specify jump addresses.
A change in program flow requires a non-incremental
change in the Program Counter contents. The Program
Counter consists of two bytes, designated the upper byte
(PCU) and lower byte (PCL). The most significant bit of PCU
is not used, leaving 15 bits to address the program memory.
Different addressing modes are used to specify the new
address for the Program Counter. The choice of addressing
mode depends primarily on the distance of the jump. Farther
jumps sometimes require more instruction bytes in order to
completely specify the new Program Counter contents.
The available transfer-of-control addressing modes are:
•
Jump Relative
•
Jump Absolute
•
Jump Absolute Long
•
Jump Indirect
The transfer-of-control addressing modes are described be-
low. Each description includes an example of a Jump in-
struction using a particular addressing mode, and the effect
on the Program Counter bytes of executing that instruction.
Jump Relative. In this 1-byte instruction, six bits of the
instruction opcode specify the distance of the jump from the
current program memory location. The distance of the jump
can range from −31 to +32. A JP+1 instruction is not allowed.
The programmer should use a NOP instead.
Example: Jump Relative
JP 0A
Reg
Contents
Contents
Before
After
PCU
02 Hex
02 Hex
PCL
05 Hex
0F Hex
Jump Absolute. In this 2-byte instruction, 12 bits of the
instruction opcode specify the new contents of the Program
Counter. The upper three bits of the Program Counter re-
main unchanged, restricting the new Program Counter ad-
dress to the same 4-kbyte address space as the current
instruction. (This restriction is relevant only in devices using
more than one 4-kbyte program memory space.)
Example: Jump Absolute
JMP 0125
Reg
Contents
Contents
Before
After
PCU
0C Hex
01 Hex
PCL
77 Hex
25 Hex
Jump Absolute Long. In this 3-byte instruction, 15 bits of
the instruction opcode specify the new contents of the Pro-
gram Counter.
Example: Jump Absolute Long
JMP 03625
Reg/
Contents
Contents
Memory
Before
After
PCU
42 Hex
36 Hex
PCL
36 Hex
25 Hex
Jump Indirect. In this 1-byte instruction, the lower byte of
the jump address is obtained from a table stored in program
memory, with the Accumulator serving as the low order byte
of a pointer into program memory. For purposes of access-
ing program memory, the contents of the Accumulator are
written to PCL (temporarily). The data pointed to by the
Program Counter (PCH/PCL) is loaded into PCL, while PCH
remains unchanged.
Example: Jump Indirect
JID
Reg/
Contents
Contents
Memory
Before
After
PCU
01 Hex
01 Hex
PCL
C4 Hex
32 Hex
Accumulator
26 Hex
26 Hex
Memory
Location
32 Hex
32 Hex
0126 Hex
The VIS instruction is a special case of the Indirect Transfer
of Control addressing mode, where the double-byte vector
www.national.com
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com