Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 60Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 61Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 62Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 63Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 64Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 65Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 66Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 67Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
19.0 Instruction Set
19.1 INTRODUCTION
This section defines the instruction set of the COP8 Family
members. It contains information about the instruction set
features, addressing modes and types.
19.2 INSTRUCTION FEATURES
The strength of the instruction set is based on the following
features:
•
Mostly single-byte opcode instructions minimize program
size.
•
One instruction cycle for the majority of single-byte in-
structions to minimize program execution time.
•
Many single-byte, multiple function instructions such as
DRSZ.
•
Three memory mapped pointers: two for register indirect
addressing, and one for the software stack.
•
Sixteen memory mapped registers that allow an opti-
mized implementation of certain instructions.
•
Ability to set, reset, and test any individual bit in data
memory address space, including the memory-mapped
I/O ports and registers.
•
Register-Indirect LOAD and EXCHANGE instructions
with optional automatic post-incrementing or decrement-
ing of the register pointer. This allows for greater effi-
ciency (both in cycle time and program code) in loading,
walking across and processing fields in data memory.
•
Unique instructions to optimize program size and
throughput efficiency. Some of these instructions are:
DRSZ, IFBNE, DCOR, RETSK, VIS and RRC.
19.3 ADDRESSING MODES
The instruction set offers a variety of methods for specifying
memory addresses. Each method is called an addressing
mode. These modes are classified into two categories: op-
erand addressing modes and transfer-of-control addressing
modes. Operand addressing modes are the various meth-
ods of specifying an address for accessing (reading or writ-
ing) data. Transfer-of-control addressing modes are used in
conjunction with jump instructions to control the execution
sequence of the software program.
19.3.1 Operand Addressing Modes
The operand of an instruction specifies what memory loca-
tion is to be affected by that instruction. Several different
operand addressing modes are available, allowing memory
locations to be specified in a variety of ways. An instruction
can specify an address directly by supplying the specific
address, or indirectly by specifying a register pointer. The
contents of the register (or in some cases, two registers)
point to the desired memory location. In the immediate
mode, the data byte to be used is contained in the instruction
itself.
Each addressing mode has its own advantages and disad-
vantages with respect to flexibility, execution speed, and
program compactness. Not all modes are available with all
instructions. The Load (LD) instruction offers the largest
number of addressing modes.
The available addressing modes are:
•
Direct
•
Register B or X Indirect
•
Register
B
or
X
Indirect
with
Post-Incrementing/
Decrementing
•
Immediate
•
Immediate Short
•
Indirect from Program Memory
The addressing modes are described below. Each descrip-
tion includes an example of an assembly language instruc-
tion using the described addressing mode.
Direct. The memory address is specified directly as a byte in
the instruction. In assembly language, the direct address is
written as a numerical value (or a label that has been defined
elsewhere in the program as a numerical value).
Example: Load Accumulator Memory Direct
LD A,05
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
XX Hex
A6 Hex
Memory Location
A6 Hex
A6 Hex
0005 Hex
Register B or X Indirect. The memory address is specified
by the contents of the B Register or X register (pointer
register). In assembly language, the notation [B] or [X] speci-
fies which register serves as the pointer.
Example: Exchange Memory with Accumulator, B Indirect
X A,[B]
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
01 Hex
87 Hex
Memory Location
87 Hex
01 Hex
0005 Hex
B Pointer
05 Hex
05 Hex
Register B or X Indirect with Post-Incrementing/
Decrementing. The relevant memory address is specified
by the contents of the B Register or X register (pointer
register). The pointer register is automatically incremented
or decremented after execution, allowing easy manipulation
of memory blocks with software loops. In assembly lan-
guage, the notation [B+], [B−], [X+], or [X−] specifies which
register serves as the pointer, and whether the pointer is to
be incremented or decremented.
Example: Exchange Memory with Accumulator, B Indirect
with Post-Increment
X A,[B+]
Reg/Data
Contents
Contents
Memory
Before
After
Accumulator
03 Hex
62 Hex
Memory Location
62 Hex
03 Hex
0005 Hex
B Pointer
05 Hex
06 Hex
Intermediate. The data for the operation follows the instruc-
tion opcode in program memory. In assembly language, the
number sign character (#) indicates an immediate operand.
Example: Load Accumulator Immediate
LD A,#05
www.national.com
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com