Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CSDR9KMT7 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8CSDR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8CSDR9KMT7 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button COP8CSDR9KMT7 Datasheet HTML 40Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 41Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 42Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 43Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 44Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 45Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 46Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 47Page - National Semiconductor (TI) COP8CSDR9KMT7 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
13.0 Power Saving Features
(Continued)
associated WKEN bit should be reset, followed by the edge
select change in WKEDG. Next, the associated WKPND bit
should be cleared, followed by the associated WKEN bit
being re-enabled.
An example may serve to clarify this procedure. Suppose we
wish to change the edge select from positive (low going high)
to negative (high going low) for L Port bit 5, where bit 5 has
previously been enabled for an input interrupt. The program
would be as follows:
RBIT
5, WKEN
; Disable MIWU
SBIT
5, WKEDG
; Change edge polarity
RBIT
5, WKPND
; Reset pending flag
SBIT
5, WKEN
; Enable MIWU
If the L port bits have been used as outputs and then
changed to inputs with Multi-Input Wake-up/Interrupt, a
safety procedure should also be followed to avoid wake-up
conditions. After the selected L port bits have been changed
from output to input but before the associated WKEN bits are
enabled, the associated edge select bits in WKEDG should
be set or reset for the desired edge selects, followed by the
associated WKPND bits being cleared.
This same procedure should be used following reset, since
the L port inputs are left floating as a result of reset.
The occurrence of the selected trigger condition for Multi-
Input Wake-up is latched into a pending register called
WKPND. The respective bits of the WKPND register will be
set on the occurrence of the selected trigger edge on the
corresponding Port L pin. The user has the responsibility of
clearing these pending flags. Since WKPND is a pending
register for the occurrence of selected wake-up conditions,
the device will not enter the HALT mode if any Wake-up bit is
both enabled and pending. Consequently, the user must
clear the pending flags before attempting to enter the HALT
mode.
WKEN and WKEDG are all read/write registers, and are
cleared at reset. WKPND register contains random value
after reset.
14.0 USART
The device contains a full-duplex software programmable
USART. The USART (Figure 22) consists of a transmit shift
register, a receive shift register and seven addressable reg-
isters, as follows: a transmit buffer register (TBUF), a re-
ceiver buffer register (RBUF), a USART control and status
register (ENU), a USART receive control and status register
(ENUR), a USART interrupt and clock source register
(ENUI), a prescaler select register (PSR) and baud (BAUD)
register. The ENU register contains flags for transmit and
receive functions; this register also determines the length of
the data frame (7, 8 or 9 bits), the value of the ninth bit in
transmission, and parity selection bits. The ENUR register
flags framing, data overrun, parity errors and line breaks
while the USART is receiving.
Other functions of the ENUR register include saving the
ninth bit received in the data frame, enabling or disabling the
USART’s attention mode of operation and providing addi-
tional receiver/transmitter status information via RCVG and
XMTG bits. The determination of an internal or external clock
source is done by the ENUI register, as well as selecting the
number of stop bits and enabling or disabling transmit and
receive interrupts. A control flag in this register can also
select the USART mode of operation: asynchronous or
synchronous.
www.national.com
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com