Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 27Page - National Semiconductor (TI) DP83256 Datasheet HTML 28Page - National Semiconductor (TI) DP83256 Datasheet HTML 29Page - National Semiconductor (TI) DP83256 Datasheet HTML 30Page - National Semiconductor (TI) DP83256 Datasheet HTML 31Page - National Semiconductor (TI) DP83256 Datasheet HTML 32Page - National Semiconductor (TI) DP83256 Datasheet HTML 33Page - National Semiconductor (TI) DP83256 Datasheet HTML 34Page - National Semiconductor (TI) DP83256 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
40 Modes of Operation
The PLAYERa device can operate in 4 basic modes RUN
STOP LOOPBACK and CASCADE
41 RUN MODE
RUN is the normal mode of operation
In this mode the PLAYERa device is configured to be con-
nected to the media via the PMD transmitter and PMD re-
ceiver at the PMD Interface It is also connected to any
other PLAYERa device(s) andor MACSI device(s) via the
Port A and Port B Interfaces
While operating in the RUN mode the PLAYERa device
receives and transmits Line States (Quiet Halt Master Idle)
and frames (Active LIne State)
42 STOP MODE
The PLAYERa device operates in the STOP mode while it
is being initialized or configured
The PLAYERa device is also reset to the STOP mode au-
tomatically when the ERST pin is set to ground
When in STOP mode the PLAYERa device performs the
following functions
 Resets the Repeat Filter
 Resets the Smoother
 Resets the Receiver Block Line State Counters
 Resets the Clock Recovery Module
 Flushes the Elasticity Buffer
 Forces Line State Unknown in the Receiver Block
 Outputs PHY Invalid condition symbol pairs through the
PHY Data Indicate pins (AIP AIC AIDk70l BIP BIC
BIDk70l) when port is enabled
 Outputs Quiet symbol pairs through the PMD Data Re-
quest pins (PMRDg)
43 LOOPBACK MODE
The PLAYERa device provides 3 types of loopback tests
Configuration Switch Loopback Short Internal Loopback
and Long Internal Loopback These Loopback modes can
be used to test different portions of the device
Configuration Switch Loopback
The Configuration Switch Loopback can be used to test the
data paths of the MACSI device(s) that are connected to the
PLAYERa device before transmitting and receiving data
through the network
In the Configuration Switch Loopback mode the PLAYERa
device Configuration Register (CR) can be programmed to
perform the following functions
 Select Port A PHY Request Data Port B PHY Request
Data or PHY Invalid to connect to Port A PHY Indicate
Data via the A
IND Mux
 Select Port A PHY Request Data Port B PHY Request
Data or PHY Invalid to connect to Port B PHY Indicate
Data via the B
IND Mux
 Connect data from the Receiver Block to the Transmitter
Block via the Transmitter
Mux (The PLAYERa device
is repeating incoming data from the media in the Configu-
ration Switch Loopback mode)
See
Figure 4-1 and Figure 4-2
TLF11708 – 23
FIGURE 4-1 Configuration Switch Loopback
for DP83257
TLF11708 – 24
FIGURE 4-2 Configuration Switch Loopback
for DP83256 and DP 83256-AP
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com