Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 69Page - National Semiconductor (TI) DP83256 Datasheet HTML 70Page - National Semiconductor (TI) DP83256 Datasheet HTML 71Page - National Semiconductor (TI) DP83256 Datasheet HTML 72Page - National Semiconductor (TI) DP83256 Datasheet HTML 73Page - National Semiconductor (TI) DP83256 Datasheet HTML 74Page - National Semiconductor (TI) DP83256 Datasheet HTML 75Page - National Semiconductor (TI) DP83256 Datasheet HTML 76Page - National Semiconductor (TI) DP83256 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 144 page
background image
50 Registers (Continued)
529 RECEIVE CONDITION COMPARISON REGISTER A (RCCRA)
The Receive Condition Comparison Register A ensures that the Control Bus must first read a bit modified by the PLAYERa
device before it can be written to by the Control Bus Interface
The current state of RCRA is automatically written into the Receive Condition Comparison Register A (ie RCCRAeRCRA)
during a Control Bus Interface read cycle of RCRA
During a Control Bus Interface write cycle the PLAYERa device will set the Conditional Write Inhibit bit (CWI) of the Interrupt
Condition Register (ICR) to 1 and prevent the setting or clearing of a bit within RCRA when the value of a bit in RCRA differs
from the value of the corresponding bit in the Receive Condition Comparison Register A
ACCESS RULES
ADDRESS
READ
WRITE
1Ch
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
LSUPIC
LSCC
NTC
NLSC
MLSC
HLSC
QLSC
NSDC
Bit
Symbol
Description
D0
NSDC
NO SIGNAL DETECT COMPARISON
The comparison bit for the No Signal Detect bit (NSD) of the Receive
Condition Register A (RCRA)
D1
QLSC
QUIET LINE STATE COMPARISON
The comparison bit for the Quiet Line State bit (QLS) of the Receive
Condition Register A (RCRA)
D2
HLSC
HALT LINE STATE COMPARISON
The comparison bit for the Halt Line State bit (HLS) of the Receive Condition
Register A (RCRA)
D3
MLSC
MASTER LINE STATE COMPARISON
The comparison bit for the Master Line State bit (MLS) of the Receive
Condition Register A (RCRA)
D4
NLSC
NOISE LINE STATE COMPARISON
The comparison bit for the Noise Line State bit (NLS) of the Receive
Condition Register A (RCRA)
D5
NTC
NOISE THRESHOLD COMPARISON
The comparison bit for the Noise Threshold bit (NT) of the Receive
Condition Register A (RCRA)
D6
LSCC
LINE STATE CHANGE COMPARISON
The comparison bit for the Line State Change bit (LSC) of the Receive
Condition Register A (RCRA)
D7
LSUPIC
LINE STATE UNKNOWN AND PHY INVALID COMPARISON
The comparison bit for the Line State Unknown
and PHY Invalid bit (LSUPI) of the Receive Condition Register A (RCRA)
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com