Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 37Page - National Semiconductor (TI) DP83256 Datasheet HTML 38Page - National Semiconductor (TI) DP83256 Datasheet HTML 39Page - National Semiconductor (TI) DP83256 Datasheet HTML 40Page - National Semiconductor (TI) DP83256 Datasheet HTML 41Page - National Semiconductor (TI) DP83256 Datasheet HTML 42Page - National Semiconductor (TI) DP83256 Datasheet HTML 43Page - National Semiconductor (TI) DP83256 Datasheet HTML 44Page - National Semiconductor (TI) DP83256 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
50 Registers (Continued)
TABLE 5-3 Register Reset Value Summary
Register
Address
Register
Symbol
Reset Contents
MSB-LSB
Comments
00h
MR
00 h
01h
CR
00 h
02h
ICR
X001 0000 B
depends on sense pins
03h
ICMR
00 h
04h
CTSR
A2 h
05h
IJTR
00 h
06h
ISRA
00 h
07h
ISRB
00 h
08h
CRSR
0A h
09h
RCRA
20 h
0Ah
RCRB
00X0 0010 B
depends on EB state
0Bh
RCMRA
00 h
0Ch
RCMRB
00 h
0Dh
NTR
00 h
0Eh
NPTR
00 h
0Fh
CNCR
00 h
10h
CNPCR
00 h
11h
STR
00 h
12h
SPTR
00 h
13h
CSCR
00 h
14h
CSPCR
00 h
15h
LETR
00 h
16h
CLECR
00 h
17h
UDR
000X 00XX B
depends on sense pins
18h
IDR
XX h
depends on chip version
19h
CIJCR
00 h
1Ah
ICCR
00 h
same as reg 02 h if reg 02 h is read first
1Bh
CTSCR
00 h
same as reg 04 h if reg 04 h is read first
1Ch
RCCRA
00 h
same as reg 09 h if reg 09 h is read first
1Dh
RCCRB
00 h
same as reg 0A h if reg 0A h is read first
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com