Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 59Page - National Semiconductor (TI) DP83256 Datasheet HTML 60Page - National Semiconductor (TI) DP83256 Datasheet HTML 61Page - National Semiconductor (TI) DP83256 Datasheet HTML 62Page - National Semiconductor (TI) DP83256 Datasheet HTML 63Page - National Semiconductor (TI) DP83256 Datasheet HTML 64Page - National Semiconductor (TI) DP83256 Datasheet HTML 65Page - National Semiconductor (TI) DP83256 Datasheet HTML 66Page - National Semiconductor (TI) DP83256 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 144 page
background image
50 Registers (Continued)
519 STATE PRESCALE THRESHOLD REGISTER (SPTR)
The State Prescale Threshold Register contains the start value for the State Prescale Timer The State Prescale Timer is a down
counter It is used in conjunction with the State Timer to count the Line State duration
The threshold values for the State Timer and State Prescale Timer are simultaneously loaded into both timers if one of the
following conditions is true
1 Both the State Timer and State Prescale Timer reach zero and the current Line State is Halt Line State Idle Line State
Master Line State Quiet Line State or No Signal Detect
or
2 A Line State change occurs and the new Line State is Halt Line State Idle Line State Master Line State Quiet Line State or
No Signal Detect
or
3 The State Threshold Register or State Prescale Threshold Register goes through a Control Bus Interface write cycle
The State Prescale Timer will decrement every 80 ns if the current Line State is Halt Line State Idle Line State Master Line
State Quiet Line State or No Signal Detect
ACCESS RULES
ADDRESS
READ
WRITE
12h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
SPT7
SPT6
SPT5
SPT4
SPT3
SPT2
SPT1
SPT0
Bit
Symbol
Description
D0 – D7
SPT0 – SPT7
STATE PRESCALE THRESHOLD BIT k0–7l
Start value for the State Prescale Timer
SPT0 is the Least Significant Bit (LSB)
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com