Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 64Page - National Semiconductor (TI) DP83256 Datasheet HTML 65Page - National Semiconductor (TI) DP83256 Datasheet HTML 66Page - National Semiconductor (TI) DP83256 Datasheet HTML 67Page - National Semiconductor (TI) DP83256 Datasheet HTML 68Page - National Semiconductor (TI) DP83256 Datasheet HTML 69Page - National Semiconductor (TI) DP83256 Datasheet HTML 70Page - National Semiconductor (TI) DP83256 Datasheet HTML 71Page - National Semiconductor (TI) DP83256 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 144 page
background image
50 Registers (Continued)
524 USER DEFINABLE REGISTER (UDR)
The User Definable Register is used to monitor and control events which are external to the PLAYERa device
The value of the Sense Bits reflect the asserteddeasserted state of their corresponding Sense pins On the other hand the
Enable bits assertdeassert the Enable pins
Note
SB2 and EB2 are only effective for the DP83257
ACCESS RULES
ADDRESS
READ
WRITE
17h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
EB2
RES
SB2
EB1
EB0
SB1
SB0
Bit
Symbol
Description
D0
SB0
SENSE BIT 0
This bit is set to 1 if the Sense Pin 0 (SP0) is asserted (ie SP0eVCC) for a minimum amount of
time Once the asserted signal is latched Sense Bit 0 can only be cleared through the Control Bus Interface even
if the signal is deasserted This ensures that the Control Bus Interface will record the source of events which can
cause interrupts in a traceable manner
D1
SB1
SENSE BIT 1
This bit is set to 1 if the Sense Pin 1 (SP1) is asserted (ie SP1eVCC) for a minimum amount of
time Once the asserted signal is latched Sense Bit 1 can only be cleared through the Control Bus Interface even
if the signal is deasserted This ensures that the Control Bus Interface will record the source of events which can
cause interrupts in a traceable manner
D2
EB0
ENABLE BIT 0
The Enable Bit 0 allows control of external logic through the Control Bus Interface The User
Definable Enable Pin 0 (EP0) is asserteddeasserted by this bit
0
EP0 is deasserted (ie EP0eGND)
1
EP0 is asserted (ie EP0eVCC)
D3
EB1
ENABLE BIT 1
This bit allows control of external logic through the Control Bus Interface The User Definable
Enable Pin 0 (EP0) is asserteddeasserted by this bit
0
EP1 is deasserted (ie EP1eGND)
1
EP1 is asserted (ie EP1eVCC)
D4
SB2
SENSE BIT 2
This bit is set to 1 if the Sense Pin 2 (SP2) is asserted (ie SP2eVCC) for a minimum amount of
time Once the asserted signal is latched Sense Bit 2 can only be cleared through the Control Bus Interface even
if the signal is deasserted This ensures that the Control Bus Interface will record the source of events which can
cause interrupts in a traceable manner
Note
SB2 and EB2 are only effective for the DP83257
D5
RES
RESERVED
Reserved for future use The reserved bit is set to 0 during the initialization process
(ie ERSTeGND)
Note
Users are discouraged from using this bit It may be set or cleared without any effects to the functionality of the PLAYERa device
D6
EB2
ENABLE BIT2
The Enable Bit 2 allows control of external logic through the Control Bus Interface The User
Definable Enable Pin 2 (EP2) is asserteddeasserted by this bit
Note
SB2 and EB2 are only effective for the DP83257
0
EP2 is deasserted (ie EP2eGND)
1
EP2 is asserted (ie EP2eVCC)
D7
RES
RESERVED
Reserved for future use The reserved bit is set to 0 during the initialization process
(ie ERSTeGND)
Note
Users are discouraged from using this bit It may be set or cleared without any effects to the functionality of the PLAYERa device
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com