Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 78Page - National Semiconductor (TI) DP83256 Datasheet HTML 79Page - National Semiconductor (TI) DP83256 Datasheet HTML 80Page - National Semiconductor (TI) DP83256 Datasheet HTML 81Page - National Semiconductor (TI) DP83256 Datasheet HTML 82Page - National Semiconductor (TI) DP83256 Datasheet HTML 83Page - National Semiconductor (TI) DP83256 Datasheet HTML 84Page - National Semiconductor (TI) DP83256 Datasheet HTML 85Page - National Semiconductor (TI) DP83256 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
50 Registers (Continued)
538 TRIGGER DEFINITION REGISTER (TDR)
This register determines which events cause a trigger transition and which transmit mode is entered when a trigger transition is
detected The trigger transmit modes are the same as those found in the Current Transmit State Register (CTSR) and are
loaded from the TDR into the CTSR when any of the selected trigger conditions occur When a trigger condition occurs
CMTCRTCO is set
The Trigger Definition Register is useful to implement the strict PC
React time requirement
ACCESS RULES
ADDRESS
READ
WRITE
26h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
TONT
TOQLS
TOHLS
TOMLS
TOSILS
TTM2
TTM1
TTM0
Bit
Symbol
Description
D0
TTM0
TRIGGER TRANSMIT MODE k0 1 2l
These bits select one of 6 transmission modes to be loaded into the
Current Transmit State Register (CTSR) when a trigger condition is detected The trigger condition is selected by
D1
TTM1
the upper 5 bits of this register
D2
TTM2
TTM2
TTM1
TTM0
000
Active Transmit Mode (ATM)
Normal transmission of incoming PHY Request data
001
Idle Transmit Mode (ITM)
Transmission of Idle symbol pairs (11111 11111)
010
Off Transmit Mode (OTM)
Transmission of Quiet symbol pairs (00000 00000) and
deassertion of the PMD transmitter Enable pin (TXE)
011
Reserved
Reserved for future use Users are discouraged from using this transmit
mode If selected however the transmitter will generate Quiet symbol pairs
(00000 00000)
100
Master Transmit Mode (MTM)
Transmission of Halt and Quiet symbol pairs
(00100 00000)
101
Halt Transmit Mode (HTM)
Transmission of Halt symbol pairs (00100 00100)
110
Quiet Transmit Mode (QTM)
Transmission of Quiet symbol pairs (00000 00000)
111
Reserved
Reserved for future use Users are discouraged from using this transmit
mode If selected however the transmitter will generate Quiet symbol pairs
(00000 00000)
D3
TOSILS
TRIGGER ON SILS
Trigger when SILS is received
D4
TOMLS
TRIGGER ON MLS
Trigger when MLS is received
D5
TOHLS
TRIGGER ON HLS
Trigger when HLS is received
D6
TOQLS
TRIGGER ON QLS (or NSD)
Trigger when QLS is received
D7
TONT
TRIGGER ON Noise Threshold
Trigger when Noise Threshold is reached (Current Noise Registere0)
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com