Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 42Page - National Semiconductor (TI) DP83256 Datasheet HTML 43Page - National Semiconductor (TI) DP83256 Datasheet HTML 44Page - National Semiconductor (TI) DP83256 Datasheet HTML 45Page - National Semiconductor (TI) DP83256 Datasheet HTML 46Page - National Semiconductor (TI) DP83256 Datasheet HTML 47Page - National Semiconductor (TI) DP83256 Datasheet HTML 48Page - National Semiconductor (TI) DP83256 Datasheet HTML 49Page - National Semiconductor (TI) DP83256 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
50 Registers (Continued)
Bit
Symbol
Description
D3
CWI
CONDITIONAL WRITE INHIBIT
Set to 1 when bits within mentioned registers do not match bits in the
corresponding compare register This bit ensures that new (ie unread) data is not inadvertently cleared while old
data is being cleared through the Control Bus Interface
This bit is set to 1 to indicate that a bit in a condition write register was not written because it had changed since
the previous read The following registers are affected
Interrupt Condition Register (Register 02 ICR)
Current Transmit State Register (Register 04 CTSR)
Receive Condition Register A (Register 09 RCRA)
Receive Condition Register B (Register 0A RCRB)
CMT Condition Register (Register 20 CMTCR)
The previous registers are affected when they differ from the value of the corresponding bit in the following
registers respectively
Interrupt Condition Compare Register (Register 1A ICCR)
Current Transmit State Compare Register (Register 1B CTSCR)
Receive Condition Compare Register A (Register 1C RCCRA)
Receive Condition Compare Register B (Register 1D RCCRB)
CMT Condition Compare Register (Register 1F CMTCCR)
This bit must be cleared by software Note that this differs from the MACSI BMAC and BSI device bits of the same
name
The Configuration Register (Register 01 CR) can not be written to during scrubbing
D4
LEMT
LINK ERROR MONITOR THRESHOLD
This bit is set to 1 when the internal 8-bit Link Error Monitor Counter
reaches zero It will remain set and is cleared by software
During the reset process (ie ERSTeGND) the Link Error Monitor Threshold bit is set to 1 because the Link
Error Monitor Counter is initialized to zero
D5
RCA
RECEIVE CONDITION A
This bit is set to 1 when
1 One or more bits in the Receive Condition Register A (RCRA) is set to 1 and
2 The corresponding mask bits in the Receive Condition Mask Register A (RCMRA) are also set to 1
In order to clear (ie set to 0) the Receive Condition A bit the bits within the Receive Condition Register A that are
set to 1 must first be either cleared or masked
D6
RCB
RECEIVE CONDITION B
This bit is set to 1 when
1 One or more bits in the Receive Condition Register B (RCRB) is set to 1 and
2 The corresponding mask bits in the Receive Condition Mask Register A (RCMRB) are also set to 1
In order to clear (ie set to 0) the Receive Condition B bit the bits within the Receive Condition Register B that are
set to 1 must first be either cleared or masked
D7
UDI
USER DEFINABLE INTERRUPT
This bit is set to 1 when one or any combination of the Sense Bits (SB0 SB1 or
SB2) in the User Definable Register (UDR) are set to 1
In order to clear (ie set to 0) the User Definable Interrupt Bit all Sense Bits must be set to 0
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com