Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 48Page - National Semiconductor (TI) DP83256 Datasheet HTML 49Page - National Semiconductor (TI) DP83256 Datasheet HTML 50Page - National Semiconductor (TI) DP83256 Datasheet HTML 51Page - National Semiconductor (TI) DP83256 Datasheet HTML 52Page - National Semiconductor (TI) DP83256 Datasheet HTML 53Page - National Semiconductor (TI) DP83256 Datasheet HTML 54Page - National Semiconductor (TI) DP83256 Datasheet HTML 55Page - National Semiconductor (TI) DP83256 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
50 Registers (Continued)
58 INJECTION SYMBOL REGISTER B (ISRB)
The Injection Symbol Register B along with Injection Symbol Register A contains the programmable value (already in 5B code)
that will replace the data symbol pairs
In One Shot mode ISRA and ISRB are injected n bytes after a JK where n is the programmed value of the Injection Threshold
Register In the Periodic mode ISRA and ISRB are injected every n-th symbol pair In the Continuous mode all data symbols are
replaced with ISRA and ISRB
ACCESS RULES
ADDRESS
READ
WRITE
07h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
IJS9
IJS8
IJS7
IJS6
IJS5
Bit
Symbol
Description
D0 – D4
IJS0 – IJS4
INJECTION SYMBOL BITk0-4l
Symbol to be injected
IJS0 is the Least Significant Bit (LSB) and goes out onto the media last
D5 – D7
RES
RESERVED
Reserved for future use
Note
Users are discouraged from using these bits The reserved bits are set to 0 during the reset process They may be set or cleared
without any effects to the functionality of the PLAYERa device
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com