Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 31Page - National Semiconductor (TI) DP83256 Datasheet HTML 32Page - National Semiconductor (TI) DP83256 Datasheet HTML 33Page - National Semiconductor (TI) DP83256 Datasheet HTML 34Page - National Semiconductor (TI) DP83256 Datasheet HTML 35Page - National Semiconductor (TI) DP83256 Datasheet HTML 36Page - National Semiconductor (TI) DP83256 Datasheet HTML 37Page - National Semiconductor (TI) DP83256 Datasheet HTML 38Page - National Semiconductor (TI) DP83256 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
40 Modes of Operation (Continued)
45 CASCADE MODE
The PLAYERa device can operate in the Cascade (paral-
lel) mode
(Figure 4-5) which is used in high bandwidth
point-to-point data transfer applications This is a non-FDDI
mode of operation This is only available on the DP83257
device
Concepts
In the Cascade mode multiple PLAYERa devices are con-
nected together to provide data transfer at multiples of the
FDDI data rate Two cascaded PLAYERa devices provide
a data rate twice the FDDI data rate three cascaded
PLAYERa devices provide a data rate three times the FDDI
data rate etc
Multiple data streams are transmitted in parallel over each
pair of cascaded PLAYERa devices All data streams start
simultaneously and begin with the JK symbol pair on each
PLAYERa device
Data is synchronized at the receiver of each PLAYERa de-
vice by the JK symbol pair Upon receiving a JK symbol pair
a PLAYERa device asserts the Cascade Ready signal to
indicate the beginning of data reception
The Cascade Ready signals of all PLAYERa devices are
open drain ANDed together to create the Cascade Start
signal The Cascade Start signal is used as the input to
indicate that all PLAYERa devices have received the JK
symbol pair Data is now being received at every PLAYERa
device
and
can
be
transferred
from
the
cascaded
PLAYERa devices to the host system
See
Figure 4-6 for more information
Operating Rules
When the PLAYERa device is operating in Cascade mode
the following rules apply
1 Data integrity can be guaranteed if the worst case PMD
transmission skew between parallel media is less than
40 ns For example this amounts to about 785 meters of
fiber optic cable assuming a 1% worst case variance
2 Even though this is a non-FDDI application the general
rules for FDDI frames must be obeyed
 Data frames must be a minimum of three bytes long
(including the JK symbol pair) Smaller frames will
cause Elasticity Buffer errors
 Data frames must have a maximum size of 4500 bytes
with a JK starting delimiter and a T or R or S ending
delimiter
3 Due to the different clock rates the JK symbol pair may
arrive at different times at each PLAYERa device The
total skew between the fastest and slowest cascaded
PLAYERa devices receiving the JK starting delimiter
must not exceed 80 ns
4 The first PLAYERa device to receive a JK symbol pair
will present it to the host system and release the Cas-
cade Ready signal The PLAYERa device will present
one more JK as it waits for the other PLAYERa devices
to recognize their JK The maximum number of consecu-
tive JKs that can be presented to the host is 2
5 The Cascade Start signal is set to 1 when all the cascad-
ed PLAYERa devices release their Cascade Ready sig-
nals
6 Bit 4 (CSE) of the Receive Condition Register B (RCRB)
is set to 1 if the Cascade Start signal (CS) is not set
before the second falling edge of clock signal LBC from
when Cascade Ready (CR) was released CS has to be
set approximately within 80 ns of CR release This condi-
tion signifies that not all cascaded PLAYERa devices
have received their respective JK symbol pair with the
allowed skew range
7 PLAYERa devices may not report a Cascaded Synchro-
nization Error if the JK symbols are corrupted in the point-
to-point links
8 To guarantee integrity of the interframe information the
user must put at least 8 Idle symbol pairs between
frames The PLAYERa device will function properly with
only 4 Idle symbol pairs however the interframe symbols
may be corrupted with random non-JK symbols
The MACSI device could be used to provide the required
framing and optional FCS support
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com