Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 15Page - National Semiconductor (TI) DP83256 Datasheet HTML 16Page - National Semiconductor (TI) DP83256 Datasheet HTML 17Page - National Semiconductor (TI) DP83256 Datasheet HTML 18Page - National Semiconductor (TI) DP83256 Datasheet HTML 19Page - National Semiconductor (TI) DP83256 Datasheet HTML 20Page - National Semiconductor (TI) DP83256 Datasheet HTML 21Page - National Semiconductor (TI) DP83256 Datasheet HTML 22Page - National Semiconductor (TI) DP83256 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
30 Functional Description (Continued)
STATION CONFIGURATIONS
Single Attach Station (SAS)
The Single Attach Station can be connected to either the
Primary or Secondary ring via a Concentrator Only 1 MAC
is needed in a SAS
The DP83256 DP83256-AP and DP83257 can be used in a
Single Attach Station The DP83256 and DP83256-AP can
be connected to the MAC via its only PHY Port interface
The DP83257 can be connected to the MAC via either one
of its 2 PHY Port Interfaces
See
Figure 3-10 and Figure 3-11
TLF11708 – 13
FIGURE 3-10 Single Attach Station
Using the DP83256 or DP83256-AP
TLF11708 – 14
FIGURE 3-11 Single Attachment Station (SAS)
Using the DP83257
Dual Attach Station(DAS)
A Dual Attach Station can be connected directly to the dual
ring or optionally to a concentrator There are two types of
Dual Attach Stations DAS with a single MAC and DAS with
two MAC layers See
Figure 3-12 and Figure 3-13
Two DP83256 or DP83256-AP parts can be connected to-
gether to build a Dual Attach Station however this configu-
ration does not support the optional Thru
B configuration
When the optional Thru
B configuration is desired it is rec-
ommended that the DP83257 be used
A DAS with a single MAC and two paths can be configured
as follows (see
Figure 3-12 )
 B Indicate data of PHY A is connected to A Request
input of PHY
B B
Request input of PHY
A is con-
nected to A Indicate output of PHY
B
 The MAC can be connected to either the A Request in-
put and the A Indicate output of PHY
AortheBRe-
quest input and the B Indicate output of PHY
B
A DAS with a single MAC and one path using the DP83256
or DP83256-AP can be configured as follows (see
Figure 3-
13 )
 B Request input of PHY A is connected to A Indicate
output of PHY
B
 The MAC is connected to the B Request input of
PHY
B and the A
Indicate output of PHY
A
A DAS with dual MACs can be configured as follows (see
Figure 3-14 )
 B Indicate data of PHY A is connected to A Request
input of PHY
B B
Request input of PHY
A is con-
nected to A Indicate output of PHY
B
 MAC 1 is connected to the B Indicate output and the
B
Request Input of PHY
B
 MAC 2 is connected to the A Indicate output and the
A
Request Input of PHY
A
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com