Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 97Page - National Semiconductor (TI) DP83256 Datasheet HTML 98Page - National Semiconductor (TI) DP83256 Datasheet HTML 99Page - National Semiconductor (TI) DP83256 Datasheet HTML 100Page - National Semiconductor (TI) DP83256 Datasheet HTML 101Page - National Semiconductor (TI) DP83256 Datasheet HTML 102Page - National Semiconductor (TI) DP83256 Datasheet HTML 103Page - National Semiconductor (TI) DP83256 Datasheet HTML 104Page - National Semiconductor (TI) DP83256 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 144 page
background image
60 Signal Descriptions (Continued)
POWER AND GROUND
All power pins should be connected to a single a5V power supply using the recommended filtering All ground pins should be
connected to a common 0V ground supply Bypassing and filtering requirements are given in a separate User Information
Document
Symbol
Pin
IO
Description
VCC ANALOG
20
Power
Positive 5V power supply for the Clock Generation Module VCO
GND
ANALOG
21
Ground
Power supply return for the Clock Generation Module VCO
VCC CORE
88
Power
Positive 5V power supply for the core PLAYER section logic gates
GND
CORE
87
Ground
Power supply return for the core PLAYER section logic gates
VCC ECL
32
Power
Positive 5V power supply for the PLAYERa device’s ECL logic gates
37
45
56
GND
ECL
38
Ground
Power supply return for the PLAYERa device’s ECL logic gates
46
55
VCC ESD
28
Power
Positive 5V power supply for the PLAYERa device’s ESD protection circuitry
GND
ESD
29
Ground
Power supply return for the PLAYERa device’s ESD protection circuitry
VCC IO
11
Power
Positive 5V power supply for the inputoutput buffers
65
79
98
GND
IO
12
Ground
Power supply return for the inputoutput buffers
64
78
97
SPECIAL CONNECT PINS
These are pins that have special connection requirements
No Connect (NC) pins should not be connected to anything This means not to power not to ground and not to each other
Reserved
0 (RES
0) pins must be connected to ground These pins are not used to supply device power so they do not need
to be filtered or bypassed
Reserved
1 (RES
1) pins must be connected to power These pins are not used to supply device power so they do not need
to be filtered or bypassed
Symbol
Pin
IO
Description
NC
49 53
54
No Connect
Pins should not be connected to anything This means not to power not to ground and
not to each other
RES
0
18 19
Reserved 0
Pins must be connected to ground These pins are not used to supply device power so
they do not need to be filtered or bypassed
48 50
51 52
57 58
84
RES
185
Reserved 1
Pins must be connected to power These pins are not used to supply device power so they
do not need to be filtered or bypassed
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com