Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 119 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 119 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 115Page - National Semiconductor (TI) DP83256 Datasheet HTML 116Page - National Semiconductor (TI) DP83256 Datasheet HTML 117Page - National Semiconductor (TI) DP83256 Datasheet HTML 118Page - National Semiconductor (TI) DP83256 Datasheet HTML 119Page - National Semiconductor (TI) DP83256 Datasheet HTML 120Page - National Semiconductor (TI) DP83256 Datasheet HTML 121Page - National Semiconductor (TI) DP83256 Datasheet HTML 122Page - National Semiconductor (TI) DP83256 Datasheet HTML 123Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 144 page
background image
70 Electrical Characteristics (Continued)
AC Characteristics for the Clock Interface Signals (Periods and Pulse Widths)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T2
LBC Period
80
ns
T9
LBC Pulse Width High
35
45
ns
T10
LBC Pulse Width Low
35
45
ns
T25
LSC Pulse Width High
12
19
ns
T26
LSC Pulse Width Low
21
28
ns
T27
CLK16 Period
MODE2CLKSEL e 064
ns
T28
CLK16 Pulse Width
MODE2CLKSEL e 027
32
37
ns
(Note 1)
T27
CLK16 Period
MODE2CLKSEL e 132
ns
T28
CLK16 Pulse Width
MODE2CLKSEL e 111
16
21
ns
(Note 1)
T29
REF
IN Pulse Width High
35
45
ns
Note 1
This parameter is not tested but is assured by correlation with characterization data
TLF11708 – 34
FIGURE 7-8 Clock Pulse Widths
AC Characteristics for Port A Interface and Port B Interface
The following signals are covered PHY Port A (AID AIP AIC ARD ARP ARC) and PHY Port B (BID BIP BIC BRD BRP
BRC)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T30
LBC1 to Indicate Data Changes from
70
ns
TRI-STATE to Valid Data
T31
LBC1 to Indicate Data Changes from
70
ns
Active to TRI-STATE
T32
LBC1 to Indicate Data Sustain
9
ns
T33
LBC1 to Valid Indicate Data
45
ns
T34
Request Data to LBC1 Setup Time
15
ns
T35
Request Data to LBC1 Hold Time
3
ns
TLF11708 – 35
FIGURE 7-9 PHY Port Interface Timing
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com