Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83256 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 120Page - National Semiconductor (TI) DP83256 Datasheet HTML 121Page - National Semiconductor (TI) DP83256 Datasheet HTML 122Page - National Semiconductor (TI) DP83256 Datasheet HTML 123Page - National Semiconductor (TI) DP83256 Datasheet HTML 124Page - National Semiconductor (TI) DP83256 Datasheet HTML 125Page - National Semiconductor (TI) DP83256 Datasheet HTML 126Page - National Semiconductor (TI) DP83256 Datasheet HTML 127Page - National Semiconductor (TI) DP83256 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
70 Electrical Characteristics (Continued)
AC Characteristics for the PMD Interface Outputs (ANSI Specifications)
The following output signals are covered PMD Request Data (PMRD) Transmit Clock (TXC) Recovered Data Out
(RXD
OUT) Recovered Clock Out (RXC
OUT)
Note
The Alternate PMD Interface is only available on the 160 pin DP83257 PLAYERa Device and the 100 pin DP83256-AP Device The Transmit Clock is
enabled by the CGMREGTXCE bit The rest of the Alternate PMD Interface is enabled by the APMDREGAPMDEN bit
Comments in square brackets are section references to the ANSI documents where these specifications can be found
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T57
PMRD Total Transmit Jitter
(Note 1)
072
ns p-p
Duty Cycle Distortion (DCD)a
PMD 81
Data Dependent Jitter (DDJ)a
Random Jitter (RJ)
T58
Total Recovered Clock (RXC
OUT) Jitter
(Note 1)
25
ns p-p
Static Alignment Error Accuracy (SAE)a
PMD E2
Clock Data Dependent Jitter (C
DDJ)a
Random Jitter (C
RJ)
Note 1
This parameter is not tested but is assured through characterization data and periodic testing of sample units
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com