Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 16Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 17Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 18Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 19Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
No Charger
Attach a Charge
Normal
Overcharge
Voltage Protection
Overcurrent Protection
During Charging
Shutdown
Short-Circuit
Protection
Over-Discharge
Protection
CHG: ON
DSG: OFF
VREG: ON
CHG: ON
DSG: OFF
VREG: ON
CHG: OFF
DSG: ON
VREG: ON
CHG: OFF
DSG: ON
VREG: ON
CHG: ON
DSG: ON
VREG: ON
CHG: OFF
DSG: OFF
VREG: OFF
CHG: ON
DSG: OFF
VREG: OFF
for a period of
t > 4.0 ms
VM >
– 0.9 V
for a period of t > 400 µs
VM < 0.15 V
or
No Load detected
VM > 0.15 V for a period
of 12 ms
VM < 0.15 V or
No Load detected
for a period of 4.0 ms
VM < –0.112 V
for a period of 12 ms
Charger removed and
Load detected
for a period of 4.0 ms
> 4.25 V
for a period
of 1.0 s
< 2.3 V
for a period of t > 24 ms
During Discharging
Overcurrent Protection
> 2.3 V
BAT
V
BAT
V
BAT
V
< 4.07 V
for a period of 8.0 ms
BAT
V
BAT
V
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
7.5.6 Zero Voltage Charging
When the cell voltage is 0 V and if the charger voltage is above the minimum operating voltage for 0 V charging
(1.2-V max), the COUT output transitions to a high level and charge current can flow.
7.5.7 FET Control Protection
Figure 2 shows an overview of the FET Control Protection operation.
Figure 2. FET Control Protection
16
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com