Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 9Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 16Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
VDET1
VREL1
t
VDET2
BAT
V
SS
BAT
VSS
PACK–
BAT
V
SS
PACK –
V
DET3
Normal
Overcharge
Normal
Over-Discharge
Normal
t
DET2
t
Charger
Connected
Charger
Connected
Load
Connected
Shutdown
t
REL2
DET1
REL1
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Protection (continued)
7.5.3 Discharge Overcurrent Detector and Short-Circuit Detector
If the voltage across both protection MOSFETs (VM – VSS) becomes higher than the discharge overcurrent
detection voltage (VDET3 = 0.150 V typ) for a period of up to the discharge overcurrent detection delay time
(tDET3 = 12 ms typ), the bq28550-R1 device detects the discharge overcurrent state of the battery and the DOUT
pin transitions to a low level. This prohibits discharging the battery by turning off the external discharge control N-
channel MOSFET.
Additionally, if the voltage across both protection MOSFETs (VM – VSS) becomes higher than the short-circuit
voltage (VSHORT = VBAT – 0.9 V typ) for a period of up to the discharge short-circuit detection delay time
(tSHORT = 400 µs typ), the bq28550-R1 device detects a short-circuit of the battery and the DOUT pin transitions
to a low level. This prohibits discharging the battery by turning off the external discharge control N-channel
MOSFET.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com