Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 19Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 20Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
No Charger
Charger attached
Normal
Shutdown
< 2.3 V
for a period
of t > 24 ms
Over-Discharge
Voltage
DSG "OFF”
FG turn
off DSG
FG shutdown
CHG: ON
DSG: OFF
VREG OFF
CHG: ON
DSG: ON
VREG: ON
CHG: ON
DSG: OFF
VREG: ON
CHG: OFF
DSG: OFF
VREG: OFF
FG turn
on DSG
for a period
of t > 4.0 ms
for a period
of t > 24 ms
< 2.3 V
VBAT
VBAT
> 2.3 V
VBAT
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Figure 4. Shutdown Operation
7.6.5.6 Operational Modes
The sequence of the operational modes is as follows: NORMAL to SLEEP to FULLSLEEP; FULLSLEEP to either
HIBERNATE or SHUTDOWN; or SLEEP to SHUTDOWN.
Table 6. Operational Modes
Mode
Enter Mode
Exit Mode
Comment
Go into other modes like SLEEP,
If ALL conditions such as Average
In this mode, power consumption is
FULLSLEEP, HIBERNATE, or
NORMAL
Current, Cell Voltage, and
the highest. Measurements are taken
SHUTDOWN mode if conditions are
Temperature are satisfied.
and updated every 1 s.
satisfied.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com