Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 27Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 28Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Table 7. Standard Commands (continued)
Name
Command Code
Min Value
Max Value
Default value
Units
Sealed Access
DeviceName()
0x21
—
—
bq28550-R1
ASCII
R/W
DeviceChemistry()
0x22
—
—
LION
ASCII
R/W
ManufacturerData()
0x23
—
—
—
ASCII
R/W
Authenticate()
0x2f
—
—
—
ASCII
R
CellVoltage1()
0x3f
0
65535
—
mV
R
Extended SBS Data Commands
OperationStatus()
0x54
0x0000
0xffff
—
0xf7f7
R
ChargingStatus()
0x55
0x0000
0xffff
—
—
R
UnSealKey()
0x60
0x00000000
0xffffffff
—
—
R/W
FullAccessKey()
0x61
0x00000000
0xffffffff
—
—
R/W
AuthenKey0()
0x63
0x00000000
0xffffffff
—
—
R/W
AuthenKey1()
0x64
0x00000000
0xffffffff
—
—
R/W
AuthenKey2()
0x65
0x00000000
0xffffffff
—
—
R/W
AuthenKey3()
0x66
0x00000000
0xffffffff
—
—
R/W
ManufacturerInfo()
0x70
—
—
—
ASCII
R/W
SenseResistor()
0x71
0
65535
—
µ
Ω
R/W
Temperature()
0x72
0x0000
0xffff
—
—
R
ManufacturerStatus()
0xB1
—
—
R
7.6.5.7.2
Run-Time-to-Empty
Battery pack run-time-to-empty can be calculated using the following method—the host system reads and stores
the following information during a discharge period and averages the data over a user-determined period of time:
•
The DSG bit of the BatteryStatus register is set to ensure DOUT terminal is high (ensure the system is in
discharge mode).
•
AverageCurrent (mA)
–
Positive value = Charge Current
–
Negative value = Discharge Current
–
One minute rolling average of current value (the user can accumulate this time for improved granularity)
•
RemainingCapacity (mAh)
Run-Time-to-Empty = RemainingCapacity (avg mAh) ÷ AverageCurrent (mA). This result will be in hours, and
therefore to convert to minutes, divide the results by 60.
7.6.5.7.3
Charging Time To Full
This is a read-only function that predicts the remaining time until battery reaches full charge in minutes based on
Average Current(). The computation accounts for the taper current time extension from the linear TTF
computation based on a fixed Average Current() rate of change of accumulation. A value of 65,535 indicates a
battery is NOT being charged.
7.6.5.7.4
Remaining Capacity Alert
To set a notification when battery capacity is below a pre-determined value, the user can set a Remaining
Capacity alarm alert in the system side. The Remaining Capacity value determined by the bq28550-R1 device is
compared to the user-selected value. If the Remaining Capacity value < the user-selected Remaining Capacity
threshold, the host system should instruct the user on what action is needed.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com