Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 20Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 22Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 23Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 24Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 27Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Table 6. Operational Modes (continued)
Mode
Enter Mode
Exit Mode
Comment
SLEEP bit set = 1 in operation
Change SLEEP bit = 0 OR
register AND AverageCurrent
AverageCurrent measurement > Sleep The data is measured every 20 s to
SLEEP
measured is equal to Sleep current
current value OR Current detected is
reduce current consumption.
value.
above the IWAKE setting.
From SLEEP mode if the
WAIT_FULLSLEEP wait is
The system exits the FULLSLEEP
The wait time to enter FULLSLEEP
programmed, this is the time the
mode if there are any communication
FULLSLEEP
from SLEEP is 1 s to 240 s with the
system must be in SLEEP mode
commands set on the bus to the
default at 15 s.
before it can go to FULLSLEEP
device.
mode.
From FULLSLEEP mode, the system
will go into HIBERNATE mode if the
The system exits this mode is the
load current decreases to the
VCELL > programmed threshold,
Enters hibernation if VCELL range is
programmed value,
OR load current is > programmed
2.4 V to 3 V with default at 2.55 V.
HIBERNATION
OR if the cell voltage falls below the
threshold,
The load current threshold range is 0
programmed value,
OR communication activity on bus line, to 0.7 A with a default value of 8 mA.
OR the host sets the command in
OR host sets the command in MAC.
MAC.
From SLEEP mode, the system will
Exit from this mode if there is bus
In this mode, the VREG and DSG
enter this mode if the VCELL < 2.4 V
activity,
FET are turned OFF and the system
for a period longer than 24 ms and
OR the load current detected is >
SHUTDOWN
will only wake up if the charger is
the charger is not attached. The
IWAKE ,
attached on the Pack+, Pack–
system can also be put in
OR the charger is connected to the
terminals.
SHUTDOWN mode through MAC.
system.
7.6.5.7 Data Commands
7.6.5.7.1
Standard Data Commands
The bq28550-R1 device uses the following Command Code. Data RAM is updated and read by the gauge only
once per second. Standard commands are accessible in NORMAL operation mode.
Table 7. Standard Commands
Name
Command Code
Min Value
Max Value
Default value
Units
Sealed Access
ManufacturerAccess()
0x00
0x0000
0xffff
—
—
R/W
BatteryMode()
0x03
0x0000
0xe383
—
—
R/W
Temperature()
0x08
0
65535
—
0.1K
R
Voltage()
0x09
0
65535
—
mV
R
Current()
0x0a
–32768
32767
—
mA
R
AverageCurrent()
0x0b
–32768
32767
—
mA
R
MaxError()
0x0c
0%
100%
—
R
RelativeStateOfCharge()
0x0d
0%
100%
—
R
mAh or 10
RemainingCapacity()
0x0f
0
65535
—
R/W
mWh
FullChargeCapacity()
0x10
0
65535
7200
mA
R
ChargingCurrent()
0x14
0
65534
2500
mA
R
ChargingVoltage()
0x15
0
65534
12600
mV
R
BatteryStatus()
0x16
0x0000
0xdbff
—
—
R
CycleCount()
0x17
0
65535
0
—
R/W
DesignCapacity()
0x18
0
65535
7200
mAh
R/W
DesignVoltage()
0x18
0
65535
3600
mV
R/W
SpecificationInfo()
0x1a
0x0000
0xffff
0x0031
—
R/W
ManufactureDate()
0x1b
—
—
0
ASCII
R/W
SerialNumber()
0x1c
0x0000
0xffff
0x0001
—
R/W
ManufacturerName
0x20
—
—
Texas Inst
ASCII
R/W
24
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com