Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 25Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 26Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 27Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 28Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 29Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 30Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 31Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 32Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
7.6.6.4.1
SET_FULLSLEEP: 0X0010
Instructs the gas gauge to set the FULLSLEEP bit in the Control Status register to 1. This allows the gauge to
enter the FULLSLEEP power mode after the transition to SLEEP power state is detected. In FULLSLEEP mode,
less power is consumed by disabling an oscillator circuit used by the communication engines. A communication
to the device in FULLSLEEP forces it back to SLEEP mode.
7.6.6.4.2
SET_HIBERNATE: 0x0011
Instructs the gas gauge to force the CONTROL_STATUS [HIBERNATE] bit to 1. This allows the gauge to enter
the HIBERNATE power mode after the transition to SLEEP power state is detected. The [HIBERNATE] bit is
automatically cleared upon exiting from HIBERNATE mode.
7.6.6.4.3
CLEAR_HIBERNATE: 0x0012
Instructs the gas gauge to force the CONTROL_STATUS [HIBERNATE] bit to 0. This prevents the gauge from
entering the HIBERNATE power mode after the transition to SLEEP power state is detected. It can also be used
to force the gauge out of HIBERNATE mode.
7.6.6.4.4
SET_SHUTDOWN: 0x0013
Sets the CONTROL_STATUS [SHUTDOWN] bit to 1, enabling the device to enter SHUTDOWN mode if the
appropriate conditions are met.
7.6.6.4.5
CLEAR_SHUTDOWN: 0X0014
Clears the CONTROL_STATUS [SHUTDOWN] bit to 1, disabling the device from entering SHUTDOWN mode.
7.6.6.4.6
DSG FET OFF (HOST_DISCONNECT): 0x0017
Instructs the gas gauge to force the protection DOUT pin to low level. This prohibits discharging the battery by
turning off the external discharge control N-channel MOSFET.
7.6.6.4.7
DSG FET ON (HOST_CONNECT): 0x0018
Instructs the gas gauge to force the protection DOUT pin to high level. This allows discharging the battery by
turning on the external discharge control N-channel MOSFET.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com