Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZR-R1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ28550DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 9Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 10Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 11Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 12Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 13Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 14Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 15Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Protection (continued)
In the overcharge state, if a charger is removed and a load is connected, the external charge control MOSFET
conducts the load current through its parasitic body diode. If the VBAT voltage becomes lower than the
overcharge release voltage (VREL1 = 4.070 V typ) for a period up to the overcharge release delay time
(tREL1 = 8 ms typ), the COUT pin transitions to a high level, enabling charge of the battery by turning on the
external charge control N-channel MOSFET.
7.5.2 Over-Discharge Detector
When discharging a battery, if the VBAT voltage becomes lower than the over-discharge detection voltage
(VDET2 = 2.3 V typ) for a period up to the over-discharge detection delay time (tDET2 = 24 ms typ), the bq28550-
R1 device detects the over-discharge state of the battery, and the DOUT pin transitions to a low level. This
prohibits discharging the battery by turning off the external discharge control N-channel MOSFET.
In the over-discharge state, if a charger is connected, the external discharge control MOSFET conducts the
charge current through its parasitic body diode. If the VBAT voltage becomes greater than the over-discharge
detection voltage (VDET2 = 2.3 V typ) for a period up to the overcharge release delay time (tREL2 = 4 ms typ), the
DOUT pin transitions to a high level, enabling discharge of the battery by turning on the external discharge
control N-channel MOSFET. After detecting over-discharge, the device stops all operations and enters standby,
which reduces the current consumed by the IC to its lowest mode (standby current).
12
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com